Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA35HB120C Datasheet(PDF) 2 Page - International Rectifier

Part # HFA35HB120C
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA35HB120C Datasheet(HTML) 2 Page - International Rectifier

  HFA35HB120C Datasheet HTML 1Page - International Rectifier HFA35HB120C Datasheet HTML 2Page - International Rectifier HFA35HB120C Datasheet HTML 3Page - International Rectifier HFA35HB120C Datasheet HTML 4Page - International Rectifier HFA35HB120C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFA35HB120C
2
www.irf.com
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
1200
V
IR = 250µA
VFM
Max Forward Voltage
3.3
IF = 7.0A
4.4
V
IF = 15A
See Fig. 1
2.8
IF = 7.0A, TJ = 125°C
IRM
Max Reverse Leakage Current
10
µA
VR = VR Rated
1.0
mA
TJ = 125°C, VR = 480V
CT
Junction Capacitance
10
15
pF
VR = 200V
See Fig. 3
LS
Series Inductance
8.7
nH
Measured from center of bond pad to
end of anode bonding wire
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
Dynamic Recovery Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
See Fig. 2
Parameter
Min. Typ. Max. Units
Test Conditions
trr1
Reverse Recovery Time
58
100
ns
TJ = 25°C
See Fig.
trr2
110
165
TJ = 125°C
5
IF = 7A
IRRM1
Peak Recovery Current
5.4
8.1
TJ = 25°C
See Fig.
IRRM2
7.2
10.8
TJ = 125°C
6
VR = 200V
Qrr1
Reverse Recovery Charge
185
370
TJ = 25°C
See Fig.
Qrr2
395
590
TJ = 125°C
7
dif/dt = 200A/µs
di(rec)M/dt1
Peak Rate of Fall of Recovery Current
255
380
TJ = 25°C
See Fig.
di(rec)M/dt2
During tb
160
240
TJ = 125°C
8
Case Outline and Dimensions — TO-254AA
3.78 ( .149 )
3.53 ( .139 )
-A -
13.84 ( .545 )
13.59 ( .535 )
6.60 ( .260 )
6.32 ( .249 )
20.32 ( .800 )
20.07 ( .790 )
13.84 ( .545 )
13.59 ( .535 )
-C -
1.14 ( .045 )
0.89 ( .035 )
3.81 ( .150 )
1.27 ( .050 )
1.02 ( .040 )
-B -
.12 ( .005 )
3X
2X
3.81 ( .150 )
1
2
3
17 .40 ( .685 )
16 .89 ( .665 )
31.40 ( 1.235 )
30.39 ( 1.199 )
NO T E S :
1. D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5M , 1982.
2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S ( IN C H E S ).
.50 ( .0 20 )
M
C
A M
B
.25 ( .0 10 )
M
C
LE G E N D
1 - C O L L E C T O R
2 - E M IT T E R
3 - G A T E
W
Conforms to JEDEC Outline TO-254AA
Dimensions in Millimeters and ( Inches )
LEGEND
1- ANODE
2- COMMON CATHODE
3- ANODE
LEGEND
1- ANODE
2- COMMON CATHODE
3- ANODE
1 2 3
CAUTION
BERYLLIA WARNING PER MIL- PRF-19500
Package containing beryllia shall not be ground, sandblasted,machined, or have other operations performed on them
which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids that
will produce fumes containing beryllium.


Similar Part No. - HFA35HB120C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA35HB120C IRF-HFA35HB120C Datasheet
190Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA35HB120C IRF-HFA35HB120C_15 Datasheet
190Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA35HB120C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com