Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8FMC16MCU Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z8FMC16MCU
Description  Z8 Encore-R Motor Control Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FMC16MCU Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z8FMC16MCU Datasheet HTML 3Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 4Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 5Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 6Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 7Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 8Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 9Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 10Page - Zilog, Inc. Z8FMC16MCU Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PRS000502-1005
P R E L I M I N A R Y
Flash Memory Programming Overview
Z8FMC16 MCU
Programming Specification
5
Flash Bypass Mode Register Structure
Figure 1 illustrates the multiplexed register structure that allows access to all Flash
memory signals through GPIO ports.
Bypass Mode Register Read Timing
Figure 2 illustrates the timing of a read operation using the Flash controller bypass mode
registers. While reading data, output data is latched into the output register on the first
Figure 1. Flash Bypass Mode Register Structure
PortA0
PortA1
PortA2
PortA3
PortA4
PortA5
PortA6
PWM2L
PWM2H
PWM1L
PWM1H
Data
Input/Output
Register
Select
XADDR[9:0]
YADDR[5:0]
DIN[7:0]
DOUT[7:0]
Flash
Registers
XE
YE
OE
SE
ERASE
PROG
MAS1
NVSTR
TMR
IFREN


Similar Part No. - Z8FMC16MCU

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8FMC160100KIT ZILOG-Z8FMC160100KIT Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z8FMC161000ZEM ZILOG-Z8FMC161000ZEM Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z8FMC16100AKEG ZILOG-Z8FMC16100AKEG Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z8FMC16100AKSG ZILOG-Z8FMC16100AKSG Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
More results

Similar Description - Z8FMC16MCU

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8F64200100KITG ZILOG-Z8F64200100KITG Datasheet
233Kb / 18P
   Z8 Encore! XP Z8F642 Development Board
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
ZGENPRP0100MDS ZILOG-ZGENPRP0100MDS Datasheet
113Kb / 2P
   Terminal block inputs for some ADC channels on the Z8 Encore! MCU family
Z8F1601 ZILOG-Z8F1601 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
   CMOS Z8-R MCU Consumer Controller Processor
logo
List of Unclassifed Man...
HES-288 ETC-HES-288 Datasheet
110Kb / 2P
   R/C Servo-Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com