Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA12PA120C Datasheet(PDF) 5 Page - International Rectifier

Part # HFA12PA120C
Description  Ultrafast, Soft Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA12PA120C Datasheet(HTML) 5 Page - International Rectifier

  HFA12PA120C Datasheet HTML 1Page - International Rectifier HFA12PA120C Datasheet HTML 2Page - International Rectifier HFA12PA120C Datasheet HTML 3Page - International Rectifier HFA12PA120C Datasheet HTML 4Page - International Rectifier HFA12PA120C Datasheet HTML 5Page - International Rectifier HFA12PA120C Datasheet HTML 6Page - International Rectifier HFA12PA120C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PD-2.362 rev. C 01/2000
HFA12PA120C
t a
t b
trr
Q rr
IF
I RR M
I RR M
0.5
di(r ec )M /d t
0.75 I RR M
5
4
3
2
0
1
di /d t
f
4. Qrr - Area under curve
defined by trr and IRRM
trr X IRRM
Qrr =
2
5. di(rec)M/dt - Peak rate of
change of
current during tb
portion of trr
Fig. 10 - Reverse Recovery Waveform and Definitions
Fig. 9- Reverse Recovery Parameter Test Circuit
1. dif/dt - Rate of change of
current
through zero
crossing
2. IRRM - Peak reverse
recovery current
3. trr - Reverse recovery
time measured
from zero
crossing point of negative
going IF to point where a line
passing through 0.75 IRRM
and 0.50 IRRM
extrapolated to zero current
RE V E RS E RE CO V E R Y C I R C U IT
IR F P 250
D.U.T .
L = 70 µ H
V
= 200V
R
0.01
G
D
S
d if/d t
AD J U ST


Similar Part No. - HFA12PA120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA12PA120C VISHAY-HFA12PA120C Datasheet
131Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 25-Aug-08
HFA12PA120C VISHAY-HFA12PA120C Datasheet
134Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 25-Aug-08
HFA12PA120CPBF VISHAY-HFA12PA120CPBF Datasheet
131Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 25-Aug-08
HFA12PA120CPBF VISHAY-HFA12PA120CPBF Datasheet
134Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 25-Aug-08
HFA12PA120CPBF VISHAY-HFA12PA120CPBF Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 23-May-11
More results

Similar Description - HFA12PA120C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com