Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9040J12 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDS-9040J12
Description  Three Channel Optical Incremental Encoder Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9040J12 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDS-9040J12 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9040J12 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Recommended Operating Conditions
Encoding Characteristics
HEDS-9040 (except #T00), HEDS-9140
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances
unless otherwise specified. Values are for the worst error over the full rotation of HEDS-5140 and HEDS-
6140 codewheels.
CH. B or CH. A fall
CH. A or CH. B rise
Parameter
Symbol
Min.
Typ.[1]
Max.
Units
Cycle Error
∆C
3
5.5
°e
Pulse Width Error
∆P7
30
°e
Logic State Width Error
∆S5
30
°e
Phase Error
∆φ
215
°e
Position Error
∆Θ
10
40
min. of arc
Index Pulse Width
P
O
60
90
120
°e
CH. I rise after
-25
°C to +100°Ct
1
10
100
250
ns
-40
°C to +100°Ct
1
-300
100
250
ns
CH. I fall after
-25
°C to +100°Ct
2
70
150
300
ns
-40
°C to +100°Ct
2
70
150
1000
ns
Note:
1. Module mounted on tolerance circle of
± 0.13 mm (± 0.005 in.) radius referenced from module Side A aligning recess centers. 2.7 kΩ
pull-up resistors used on all encoder module outputs.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
TA
- 40
100
°C
Supply Voltage
VCC
4.5
5.0
5.5
Volts
Ripple < 100 mVp-p
Load Capacitance
CL
100
pF
2.7 k
Ω pull-up
Count Frequency
f
100
kHz
Velocity (rpm) x N/60
Shaft Perpendicularity
± 0.25
mm
6.9 mm (0.27 in.) from
Plus Axial Play
(
± 0.010)
(in.)
mounting surface
Shaft Eccentricity Plus
0.04
mm (in.)
6.9 mm (0.27 in.) from
Radial Play
(0.0015)
TIR
mounting surface
Note: The module performance is guaranteed to 100 kHz but can operate at higher frequencies. For the HEDS-9040 #T00 for operation
below 0
°C and greater than 50 kHz the maximum Pulse Width and Logic State Width errors are 60°e.


Similar Part No. - HEDS-9040J12

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results

Similar Description - HEDS-9040J12

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com