Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENN8036 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENN8036
Description  NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENN8036 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENN8036 Datasheet HTML 1Page - Sanyo Semicon Device ENN8036 Datasheet HTML 2Page - Sanyo Semicon Device ENN8036 Datasheet HTML 3Page - Sanyo Semicon Device ENN8036 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TT2202
No.8036-3/4
0
0
20
40
60
80
100
120
140
160
3.0
3.5
0.5
1.0
1.5
2.0
2.5
No
heat
sink
0
0
20
40
60
80
100
120
140
160
10
20
30
40
50
60
90
70
80
IT02884
IT02886
IT02888
IT02887
IT02889
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
Forward Bias A S O
Collector Current, IC -- A
SW Time -- IC
SW Time -- IB2
Base Current, IB2 -- A
0.1
1.0
10
0.1
7
5
3
2
7
5
3
2
5
1.0
10
23
7
5
23
7
0.01
0.1
1.0
10
100
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
1.0
2
3
5
7
1.0
2
3
5
2
3
5
7
10
0.1
100
23
23
57
1000
10
100
1000
35 7
23
5 7
23
5 7
2
L=500
µH
IB2= --2A
Tc=25
°C
Single pulse
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
Ambient Temperature, Ta --
°C
PC -- Ta
Case Temperature, Tc --
°C
PC -- Tc
tstg
tf
IT02885
0.1
1.0
10
0.1
7
5
3
2
7
5
3
2
5
1.0
10
23
7
5
23
7
tstg
VCC=200V
IC=5A
IB1=1A
R load
ICP=25A
IC=10A
P
C =80W
Tc=25
°C
Single pulse


Similar Part No. - ENN8036

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENN8044 SANYO-ENN8044 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - ENN8036

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1886C SANYO-2SD1886C Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2234 SANYO-TT2234 Datasheet
38Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2140LS SANYO-TT2140LS Datasheet
40Kb / 4P
   COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS(NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR)
2SC6117 SANYO-2SC6117 Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2218LS SANYO-TT2218LS Datasheet
35Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6118LS SANYO-2SC6118LS Datasheet
52Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6092LS SANYO-2SC6092LS Datasheet
55Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6093LS SANYO-2SC6093LS Datasheet
48Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
logo
Wing Shing Computer Com...
2SD1431 WINGS-2SD1431 Datasheet
28Kb / 1P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1546 WINGS-2SD1546 Datasheet
31Kb / 1P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com