Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28435OXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28435OXCT
Description  Clock Generator for Intel Grantsdale Chipset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28435OXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28435OXCT Datasheet HTML 4Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 5Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 6Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 7Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 8Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 9Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 10Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 11Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PRELIMINARY
CY28435
Document #: 38-07664 Rev. *B
Page 8 of 23
Byte 8: Control Register 8
Bit
@Pup
Name
Description
7
0
CPU_SS
Spread Selection for CPU PLL
0: –0.5% (peak to peak)
1: –1.0% (peak to peak)
6
0
CPU_DWN_SS
Spread Selection for CPU PLL
0: Down spread.
1: Center spread
5
0
SRC_SS_OFF
SRC Spread Spectrum Enable
0 = Spread off, 1 = Spread on
4
0
SRC_SS
Spread Selection for SRC PLL
0: –0.5% (peak to peak)
1: –1.0% (peak to peak)
3
0
RESERVED
RESERVED, Set = 0
2
1
USB
48-MHz Output Drive Strength
0 = 2x, 1 = 1x
1
1
PCI
33-MHz Output Drive Strength
0 = 2x, 1 = 1x
0
0
RESERVED
RESERVED, Set = 0
Byte 9: Control Register 9
Bit
@Pup
Name
Description
7
0
DF_Limit2
Dynamic Frequency Max threshold. These three bits will set the max
allowed CPU frequency for Dynamic Frequency
6
0
DF_Limit1
5
0
DF_Limit0
4
0
DF_EN
Dynamic Frequency Enable
0 = Disable, 1 = Enable
3
0
FSEL_D
SW Frequency selection bits. See Table 1.
2
0
FSEL_C
1
0
FSEL_B
0
0
FSEL_A
Byte 10: Control Register 10
Bit
@Pup
Name
Description
7
0
Recovery_Frequency
This bit allows selection of the frequency setting that the clock will be
restored to once the system is rebooted
0: Use HW settings 1: Recovery N[8:0]
6
0
Timer_SEL
Timer_SEL selects the WD reset function at SRESET pin when WD time
out.
0 = Reset and Reload Recovery_Frequency
1 = Only Reset
5
1
Time_Scale
Time_Scale allows selection of WD time scale
0 = 294 ms 1 = 2.34 s
4
0
WD_Alarm
WD_Alarm is set to “1” when the watchdog times out. It is reset to “0” when
the system clears the WD_TIMER time stamp.
3
0
WD_TIMER2
Watchdog timer time stamp selection
000: Reserved (test mode)
001: 1 * Time_Scale
010: 2 * Time_Scale
011: 3 * Time_Scale
100: 4 * Time_Scale
101: 5 * Time_Scale
110: 6 * Time_Scale
111: 7 * Time_Scale
20
WD_TIMER1
10
WD_TIMER0


Similar Part No. - CY28435OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28435OXCT SPECTRALINEAR-CY28435OXCT Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28435OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com