Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1577-COTB Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1577-COTB
Description  External NMOS Step-Down PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1577-COTB Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1577-COTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 9Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 10Page - Analog Intergrations Corporation AIC1577-COTB Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AIC1577
BLOCK DIAGRAM
+
M1
*
Dropout
DET
OSC
VIN
INTVCC
1_SHUT
Q2
*
Q1
*
Q3 Q4
SS
REF
0.8V
Thermal
Driver
Floating
LEB
Blank
-
+
EA
VINT
VIN
VINT
VINT
0.8V
1.2V
2.4V
0.8V
1.33V
0.855V
-
+
LC_COMP
-
+
Burst_Mode
-
+
SD
+
OVDT
R
S
Q
2.5
µA
-
+
Buffer_ITH
R2
R1
VIN
CS
ITH
SW
DRI
FB
GND
BOOST
-
+
ICOMP
VIN
VIN
VIN
Slope
SD
Clock
SD
ITH
Clock
ITH
VINT
Slope
FB
40mV
Logic
Switching
7


Similar Part No. - AIC1577-COTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
More results

Similar Description - AIC1577-COTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6577 SSC-SS6577 Datasheet
722Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com