Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL70100LDF1 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL70100LDF1
Description  Medical Implantable RF Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL70100LDF1 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL70100LDF1 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL70100LDF1 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL70100LDF1 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL70100LDF1 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL70100LDF1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL70100LDF1 Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZL70100
Data Sheet
2
Zarlink Semiconductor Inc.
1.0
Functional Description
1.1
General
The ZL70100 is an ultra low power, high bandwidth RF link for medical implantable applications. It operates in the
MICS (Medical Implantable Service Band) at 402-405 MHz. It uses a Reed-Solomon coding scheme together with
CRC error detection to achieve an extremely reliable link. For data-blocks, a maximum BER (Bit Error Rate) of less
than 1.5x10-10 is provided assuming a raw radio channel quality of 10-3 BER. An even higher quality of 2x10-14
BER is available using Housekeeping messages, a facility fully described in the ZL70100 Design Manual.
1.2
Basic Operation and Modes
The MICS transceiver is intended for operation in both an Implant and Basestation. These systems have different
requirements especially with regard to power consumption. Therefore, the MICS transceiver has defined two
fundamental startup modes of operation:
Implantable Medical Device (IMD) Mode
Basestation Mode
When configured as an IMD, the transceiver is usually asleep and in a very low current state. The IMD transceiver
may be woken up by either receipt of a specially coded 2.45 GHz wakeup message or directly by the IMD
processor via the WU_EN pin. This flexibility leads to the following options for waking up an IMD transceiver for
communication.
IMD transceiver woken up by specially coded 2.45 GHz wakeup message using an ultra low power sniffing
method.
IMD transceiver woken up to sniff 400 MHz link. The ZL70100 supports such a mode of operation although
the 2.45 GHz wakeup system has lower power consumption.
IMD transceiver woken to send an emergency message in which case no clear channel assessment by the
Basestation is required.
IMD transceiver woken up by a low frequency inductive link (as typically used in pacemakers/ICDs) or some
alternative mechanism.


Similar Part No. - ZL70100LDF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL70101 ZARLINK-ZL70101 Datasheet
271Kb / 9P
   Medical Implantable RF Transceiver
ZL70101LDG1 ZARLINK-ZL70101LDG1 Datasheet
271Kb / 9P
   Medical Implantable RF Transceiver
ZL70101UBJ ZARLINK-ZL70101UBJ Datasheet
271Kb / 9P
   Medical Implantable RF Transceiver
More results

Similar Description - ZL70100LDF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL70101 ZARLINK-ZL70101 Datasheet
271Kb / 9P
   Medical Implantable RF Transceiver
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
   RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
[Old version datasheet]   RF Transceiver
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
logo
NXP Semiconductors
OL2385 NXP-OL2385 Datasheet
854Kb / 85P
   Industrial RF transceiver
Rev. 1.0-15 June 2016
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com