Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT28F320W18BC60 Datasheet(PDF) 9 Page - Intel Corporation

Part # GT28F320W18BC60
Description  Intel짰 Wireless Flash Memory
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F320W18BC60 Datasheet(HTML) 9 Page - Intel Corporation

Back Button GT28F320W18BC60 Datasheet HTML 5Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 6Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 7Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 8Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 9Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 10Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 11Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 12Page - Intel Corporation GT28F320W18BC60 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
Intel® Wireless Flash Memory (W18)
Datasheet
9
1.0
Introduction
1.1
Document Purpose
This datasheet contains information about the 1.8 Volt Intel
® Wireless Flash memory (W18) device
family. Section 1.0 provides a flash memory overview. Section 2.0 through Section 9.0 describe the
memory functionality. Section 10.0 describes the electrical specifications for extended temperature
product offerings. Packaging specifications and order information can be found in Appendix C and
Appendix D, respectively.
1.2
Nomenclature
Many acronyms that describe product features or usage are defined here:
APS - Automatic Power Savings
BBA - Block Base Address
CFI - Common Flash Interface
CUI - Command User Interface
EFP - Enhanced Factory Programming
FDI - Flash Data Integrator
NC - No Connect
OTP - One-Time Programmable
PBA - Partition Base Address
RWE - Read-While-Erase
RWW - Read-While-Write
SRD - Status Register Data
VF BGA - Very thin, Fine pitch, Ball Grid Array
WSM - Write State Machine
1.3
Conventions
Many abbreviated terms and phrases are used throughout this document:
The term “1.8 V” refers to the full VCC voltage range of 1.7 V – 1.95 V (except where noted)
and “VPP = 12 V” refers to 12 V ±5%.
When referring to registers, the term set means the bit is a logical 1, and clear means the bit is
a logical 0.
The terms pin and signal are often used interchangeably to refer to the external signal
connections on the package. (ball is the term used for VF BGA).
A word is 2 bytes, or 16 bits.


Similar Part No. - GT28F320W18BC60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F320B3B110 INTEL-GT28F320B3B110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F320B3B90 INTEL-GT28F320B3B90 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F320B3BA100 INTEL-GT28F320B3BA100 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GT28F320B3BA110 INTEL-GT28F320B3BA110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F320B3BA110 INTEL-GT28F320B3BA110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - GT28F320W18BC60

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Numonyx B.V
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com