Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1913 Datasheet(PDF) 1 Page - ams AG

Part # AS1913
Description  Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1913 Datasheet(HTML) 1 Page - ams AG

  AS1913 Datasheet HTML 1Page - ams AG AS1913 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
austriamicrosystems
AS1910 - AS1915
Dual-Voltage Microprocessor Supervisory Circuits
with Reset and Watchdog
Product Brief
© 1997-2005, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 0.3
1 - 2
1 General Description
The AS1910 - AS1915 microprocessor supervisory cir-
cuits were designed to generate a reset when one of the
two monitored supply voltages falls below a factory-
trimmed threshold, and to maintain the reset for a mini-
mum timeout period when both supplies are above their
reset thresholds. Guaranteed to be in the correct state
for VCC higher than +1.0V, these devices are ideal for
multiple-voltage systems with strict monitoring require-
ments.
The AS1913/AS1914/AS1915 feature factory-trimmed
thresholds to monitor a primary voltage between 1.8 and
3.6V, and a secondary voltage between 0.9 and 2.5V.
For the AS1910/AS1911/AS1912, a secondary monitor-
ing voltage can be user-adjusted via an external resistor
divider down to 0.6V.
The devices are available with the reset output types
listed in Table 1.
The AS1910 - AS1915 include a manual-reset input for
systems that never fully power down the microproces-
sor. Additionally, these devices feature a watchdog timer
to help ensure that the processor is operating within
proper code boundaries.
The AS1910 - AS1915 are available in a 6-pin SOT23
package.
Figure 1. Typical Application Diagram
2 Key Features
!
Primary VCC Supervisory Range: +1.8 to +3.6V
!
Secondary VCC Supervisory Range: +0.9 to +2.5V
(AS1913/AS1914/AS1915)
!
User-Adjustable Threshold Down to +0.63V
(AS1910/AS1911/AS1912)
!
Guaranteed Reset Valid Down to VCC = +1.0V
!
Reset Timeout Delay: 215ms
!
Manual Reset Input
!
Three Reset Output Types
- Active-High Push/Pull
- Active-Low Push/Pull
- Active-Low Open-Drain
!
Watchdog Timeout Period: 1.5s
!
Immune to Fast Negative VCC Transients
!
External Components Not Required
!
6-pin SOT23 Package
3 Applications
The devices are ideal for portable and battery-powered
systems, embedded controllers, intelligent instruments,
automotive systems, critical CPU monitoring, and any
multi-supply application.
Table 1. Standard Products
Model
Reset Output Type
AS1910/AS1913
Active-Low Push/Pull
AS1911/AS1914
Active-High Push/Pull
AS1912/AS1915
Active-Low Open-Drain
External
Reset
CPU
Core
Supply
I/O Supply
VCC
VCC2
GND
RESETN
I/O
4
WDI
6
VCC
3
MRN
GND 2
1
RESETN
5
VCC2
AS1913/
AS1915


Similar Part No. - AS1913

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1913 AMSCO-AS1913 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1913SF-T AMSCO-AS1913SF-T Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1913TZ-T AMSCO-AS1913TZ-T Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1913VD-T AMSCO-AS1913VD-T Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
More results

Similar Description - AS1913

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com