Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7158 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7158
Description  Dual 7.5W Audio Power Amplifier Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7158 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7158 Datasheet HTML 1Page - Panasonic Semiconductor AN7158 Datasheet HTML 2Page - Panasonic Semiconductor AN7158 Datasheet HTML 3Page - Panasonic Semiconductor AN7158 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN7158N
ICs for Audio Common Use
s Absolute Maximum Ratings (Ta= 25˚C)
VCC
VCC
ICC
PD
Topr
Tstg
Supply Voltage Note 1)
Supply Voltage Note 2)
Supply Current
Power Dissipation (Ta= 45˚C)
Operating Ambient Temperature
Storage Temperature
V
V
A
W
˚C
˚C
Parameter
Symbol
Rating
Unit
24
20
4
30
– 30 ~ + 75
– 55 ~ + 150
Note 1)
Without signal VCC = 24V (For non-stabilized supply)
Note 2)
Operation VCC= 20V (For stabilized supply)
Quiescent Circuit Current
Voltage Gain
Output Power
Total Harmonic Distortion
Output Noise Voltage
Channel Balance
Separation
Ripple Rejection Ratio
ICQ
GV
PO
THD
Vno
CB
Sep.
RR
Vi = 0mV
Vi = 3mV
THD = 10%
Vi = 3mV
Rg = 10k
f = 60Hz, Rg = 600
40
52
4.8
45
70
54
5.5
0.15
1
0
50
40
120
56
1
3
1
mA
dB
W
%
mV
dB
dB
dB
Parameter
Symbol
Condition
min.
typ.
max.
Unit
• VCC=13.2V, RL= 4
Ω, f =1kHz
Vi = 3mV
Quiescent Circuit Current
Voltage Gain
Total Harmonic Distortion
Output Noise Voltage
Crosstalk
ICQ
GV
THD
Vno
CT
Vi = 0mV
Vi = 4mV
THD = 10%
RL = 4
Ω, THD = 10%
Vi = 4mV
Rg = 10k
Vi = 4mV, Rg = 10k
40
52
4
45
80
54
4.5
7.5
0.1
1
140
56
1
3
mA
dB
W
W
%
mV
dB
Parameter
Symbol
Condition
min.
typ.
max.
Unit
• VCC =16V, RL= 8
Ω, f =1kHz
Output Power
PO
s Electrical Characteristics (Ta = 25˚C)
40
36
32
28
24
20
16
12
8
4
0
Ambient Temperature Ta (˚C)
140
–20
40
80
(4)
20
(3)
(2)
(1)
180
160
120
100
60
0
PD – Ta
(1)
Tc = Ta
(2)
With a 100cm2
× 3mm
Al heat sink (black)
or a 200cm2
× 2mm
Al heat sink
(3)
With a 100cm2
× 2mm
Al heat sink
(4)
Without heat sink


Similar Part No. - AN7158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7158 ETC2-AN7158 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7158

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
   DUAL 7.5W AUDIO POWER AMPLIFIER
AN7135 PANASONIC-AN7135 Datasheet
60Kb / 4P
   Dual 7.5W Low Frequency Power Amplifier Circuit
logo
Shenzhen Huazhimei Semi...
HM8878 HMSEMI-HM8878 Datasheet
783Kb / 9P
   7.5W single channel class F audio power amplifier
logo
Panasonic Semiconductor
AN7149N PANASONIC-AN7149N Datasheet
46Kb / 3P
   Dual 5.3W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
logo
Panasonic Semiconductor
AN7147N PANASONIC-AN7147N Datasheet
55Kb / 4P
   Dual 5.3W Audio Power Amplifier Circuit
AN7168 PANASONIC-AN7168 Datasheet
45Kb / 3P
   Dual 5.8W Audio Power Amplifier Circuit
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
   Dual 5.8W Audio Power Amplifier Circuit
AN7148 PANASONIC-AN7148 Datasheet
48Kb / 4P
   Dual 2.1W Audio Power Amplifier Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com