Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE28F640W18TC60 Datasheet(PDF) 10 Page - Intel Corporation

Part # GE28F640W18TC60
Description  Intel짰 Wireless Flash Memory
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F640W18TC60 Datasheet(HTML) 10 Page - Intel Corporation

Back Button GE28F640W18TC60 Datasheet HTML 6Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 7Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 8Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 9Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 10Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 11Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 12Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 13Page - Intel Corporation GE28F640W18TC60 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Intel® Wireless Flash Memory (W18)
10
Datasheet
Signal names are in all CAPS (see Section 2.3, “Signal Descriptions” on page 14.)
Voltage applied to the signal is subscripted, for example, VPP.
Throughout this document, references are made to top, bottom, parameter, and partition. To clarify
these references, the following conventions have been adopted:
A block is a group of bits (or words) that erase simultaneously with one block erase
instruction.
A main block contains 32 Kwords.
A parameter block contains 4 Kwords.
The Block Base Address (BBA) is the first address of a block.
A partition is a group of blocks that share erase and program circuitry and a common status
register.
The Partition Base Address (PBA) is the first address of a partition. For example, on a 32-
Mbit top-parameter device, partition number 5 has a PBA of 140000h.
The top partition is located at the highest physical device address. This partition may be a
main partition or a parameter partition.
The bottom partition is located at the lowest physical device address. This partition may be a
main partition or a parameter partition.
A main partition contains only main blocks.
A parameter partition contains a mixture of main blocks and parameter blocks.
A top parameter device (TPD) has the parameter partition at the top of the memory map with
the parameter blocks at the top of that partition. This was formerly referred to as top-boot
device.
A bottom parameter device (BPD) has the parameter partition at the bottom of the memory
map with the parameter blocks at the bottom of that partition. This was formerly referred to as
bottom-boot block flash device.
2.0
Device Description
This section provides an overview of the W18 device features, packaging, signal naming, and
device architecture.
2.1
Product Overview
The W18 device provides Read-While-Write (RWW) and Read-White-Erase (RWE) capability
with high-performance synchronous and asynchronous reads on package-compatible densities with
a 16-bit data bus. Individually-erasable memory blocks are optimally sized for code and data
storage. Eight 4-Kword parameter blocks are located in the parameter partition at either the top or
bottom of the memory map. The rest of the memory array is grouped into 32-Kword main blocks.
The memory architecture for the W18 device consists of multiple 4-Mbit partitions, the exact
number depending on device density. By dividing the memory array into partitions, program or
erase operations can take place simultaneously during read operations. Burst reads can traverse


Similar Part No. - GE28F640W18TC60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F640C3BA70 INTEL-GE28F640C3BA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F640C3BC70 INTEL-GE28F640C3BC70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F640C3BC80 INTEL-GE28F640C3BC80 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F640C3BD70 INTEL-GE28F640C3BD70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F640C3TA70 INTEL-GE28F640C3TA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
More results

Similar Description - GE28F640W18TC60

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Numonyx B.V
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com