Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27964SQ-A Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27964SQ-A
Description  White LED Driver System with I2C Compatible Brightness Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27964SQ-A Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM27964SQ-A Datasheet HTML 5Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 6Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 7Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 8Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 9Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 10Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 11Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 12Page - National Semiconductor (TI) LM27964SQ-A Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Circuit Description (Continued)
The master releases the SDIO line (HIGH) during the ac-
knowledge clock pulse. The LM27964 pulls down the SDIO
line during the 9th clock pulse, signifying an acknowledge.
The LM27964 generates an acknowledge after each byte
has been received.
After the START condition, the I
2C master sends a chip
address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM27964
address is 36h. For the eighth bit, a “0” indicates a WRITE
and a “1” indicates a READ. The second byte selects the
register to which the data will be written. The third byte
contains data to write to the selected register.
I
2C COMPATIBLE CHIP ADDRESS
The chip address for LM27964 is 0110110, or 36h.
INTERNAL REGISTERS OF LM27964
Register
Internal Hex
Address
Power On
Value
General Purpose
Register
10h
0000 0000
Bank A and Bank
B Birghtness
Control Register
A0h
0000 0000
KEYPAD
Brightness Control
B0h
0000 0000
Note: ENA: Enables DxA LED drivers (Main Display)
ENB: Enables DxB LED drivers (Sub Display)
ENK: Enables Keypad Driver
20138112
FIGURE 3. Write Cycle
w = write (SDIO = "0")
r = read (SDIO = "1")
ack = acknowledge (SDIO pulled down by either master or slave)
rs = repeated start
id = chip address, 36h for LM27964
20138109
FIGURE 4. Chip Address
20138108
FIGURE 5. General Purpose Register Description
Internal Hex Address: 10h
20138107
FIGURE 6. General Purpose Register Example
www.national.com
9


Similar Part No. - LM27964SQ-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27964SQ-A/NOPB TI1-LM27964SQ-A/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
More results

Similar Description - LM27964SQ-A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com