Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM68B261A Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KM68B261A
Description  32K x 8 Bit High-Speed BiCMOS Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68B261A Datasheet(HTML) 2 Page - Samsung semiconductor

  KM68B261A Datasheet HTML 1Page - Samsung semiconductor KM68B261A Datasheet HTML 2Page - Samsung semiconductor KM68B261A Datasheet HTML 3Page - Samsung semiconductor KM68B261A Datasheet HTML 4Page - Samsung semiconductor KM68B261A Datasheet HTML 5Page - Samsung semiconductor KM68B261A Datasheet HTML 6Page - Samsung semiconductor KM68B261A Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KM68B261A
BiCMOS SRAM
Rev 2.0
October-1994
2
Stresses greater than those listed under "Absolute Maximum Rating" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to Vss
Voltage on Vcc Supply Relative to Vss
Power Dissipation
Storage Temperature
Operating Temperature
VIN,OUT
Vcc
PD
Tstg
TA
- 0.5 to 7.0
- 0.5 to 7.0
1.0
- 65 to 150
0 to 70
V
V
W
°C
°C
ABSOLUTE MAXIMUM RATINGS*
*
RECOMMENDED DC OPERATING CONDITIONS (TA=0to70°C)
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
Ground
Input Low Voltage
Input High Voltage
Vcc
Vss
VIH
VIL
4.75
0
2.2
-0.5*
5.0
0
-
-
5.25
0
Vcc+0.5**
0.8
V
V
V
V
*
VIL(Min) = -2.0 (Pulse Width
for I
** VIH(Max) = Vcc+2.0V(Pulse width
for I
≤3ns)
≤ 8ns)
≤ 20mA
≤ 20mA
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
Output Leakage Current
Operating Current
Standby Current
Output Low Voltage
Output High Voltage
VIN=Vss to Vcc
/CS=VIH or /OE=VIH or /WE=VIL
VOUT=VSS to Vcc
f=100MHz, 100% Duty, /CS=VIL,
VIN=VIH or VIL, IOUT=0mA
Min. Cycle, /CS=VIH
f=0MHz,
/CS
-0.2V,
VIN
-0.2V or VIN
IOL=8mA
IOH = - 4mA
ILI
ILO
ICC
ISB
ISB1
VOL
VOH
-10
-10
-
-
-
-
2.4
10
10
170
110
20
0.4
-
µA
µA
mA
mA
mA
V
V
≥ Vcc
≤ 0.2V
DC AND OPERATING CHARACTERISTICS
(TA= 0 to 70°C, Vcc=5 V
5%, unless otherwise specified)
±
≥ Vcc


Similar Part No. - KM68B261A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM680K ETC1-KM680K Datasheet
34Kb / 1P
   R. F. Molded Chokes
logo
Samsung semiconductor
KM681000 SAMSUNG-KM681000 Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL SAMSUNG-KM681000BL Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL-L SAMSUNG-KM681000BL-L Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - KM68B261A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6E0808C1E-C SAMSUNG-K6E0808C1E-C Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
V61C518256 MOSEL-V61C518256 Datasheet
58Kb / 12P
   32K X 8 HIGH SPEED STATIC RAM
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com