Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83503-00 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 83503-00
Description  3.5 GHz Low Power CMOS Divide-by-8 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

83503-00 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  83503-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 83503-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 83503-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 83503-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 83503-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 83503-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 83503-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PE83503
Product Specification
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0126~00B
| UTSi
 CMOS RFIC SOLUTIONS
Page 6 of 7
FRONT VIEW
2.95±0.10
0.08
A B C
0.33+0.07
-0.08
0.10 A
0.10±0.05
3.00±0.10
0.86±0.08
1.10 MAX
- C -
- A -
1
0.65BSC
0.51±0.13
2.45±0.10
0.51±0.13
2X
8
3.00±0.10
.25 A B C
23
4
- B -
.525BSC
TOP VIEW
5
6
7
4.90±0.15
3.00±0.10
SIDE VIEW
2.95±0.10
Figure 10. Package Drawing
8 Lead MSOP
Table 4. Ordering Information
Order
Code
Part Marking
Description
Package
Shipping
Method
83503-21
83503
PE83503-08MSOP-100A
8-lead MSOP
50 pcs. / Tube
83503-22
83503
PE83503-08MSOP-2000C
8-lead MSOP
2000 pcs. / T&R
83503-00
PE83503-EK
PE83503-08MSOP-EK
Evaluation Board
1 / Box


Similar Part No. - 83503-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
83503-00 PEREGRINE-83503-00 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
logo
Belden Inc.
83503-0021000 BELDEN-83503-0021000 Datasheet
191Kb / 2P
   Electronic, 3 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83503-002500 BELDEN-83503-002500 Datasheet
191Kb / 2P
   Electronic, 3 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 83503-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304 Datasheet
223Kb / 6P
   1- 7 GHz Low Power CMOS Divide-by-2 Prescaler
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE83513 PEREGRINE-PE83513 Datasheet
278Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com