Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83501-12 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 83501-12
Description  3.5 GHz Low Power CMOS Divide-by-2 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

83501-12 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  83501-12 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PE83501
Product Specification
PEREGRINE SEMICONDUCTOR CORP.
| http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 5 of 7
VDD
IN
DEC
GND
GND
OUT
NC
GND
1000 pF
J2-7
J3
J4
J5
10 pF
C1
J1
10 pF
10 nF
C2
Figure 10. Evaluation Board Schematic Diagram
Figure 11. Evaluation Board Layout
Evaluation Kit Operation
The MSOP Prescaler Evaluation Board was
designed to help customers evaluate the PE83501
Divide-by-2 Prescaler. On this board, the device
input (pin 2) is connected to connector J1 through a
50 Ω transmission line. A series capacitor (C3)
provides the necessary DC block for the device
input. It is important to note that the value of this
capacitance will impact the performance of the
device. A value of 15 pF was found to be optimal
for this board layout; other applications may require
a different value.
The device output (pin 7) is connected to connector
J3 through a 50 Ω transmission line. A series
capacitor (C1) provides the necessary DC block for
the device output. Note that this capacitor must be
chosen to have a low impedance at the desired
output frequency the device. The value of 47 pF
was chosen to provide a wide operating range for
the evaluation board.
The board is constructed of a two-layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide above
ground plane model with trace width of 0.030”, trace
gaps of 0.007”, dielectric thickness of 0.028”, metal
thickness of 0.0014” and εr of 4.4. Note that the
predominate mode for these transmission lines is
coplanar waveguide.
J2 provides DC power to the device. Starting from
the lower left pin, the second pin to the right (J2-3)
is connected to the device VDD pin (1). Two
decoupling capacitors (10 pF, 1000 pF) are
included on this trace. It is the responsibility of the
customer to determine proper supply decoupling for
their design application.
The DEC pin (3) must be connected to a low
impedance AC ground for proper device operation.
On the board, two decoupling capacitors (C6 = 10
nF, C4 = 10 pF), located on the back of the board,
perform this function.
Applications Support
If you have a problem with your evaluation kit or if
you have applications questions call (858) 455-0660
and ask for applications support. You may also
contact us by fax or e-mail:
Fax: (858) 455-0770
E-Mail: help@peregrine-semi.com
C3
C1


Similar Part No. - 83501-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
83501-12 PEREGRINE-83501-12 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
More results

Similar Description - 83501-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE9304 PEREGRINE-PE9304 Datasheet
223Kb / 6P
   1- 7 GHz Low Power CMOS Divide-by-2 Prescaler
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83511 PEREGRINE-PE83511 Datasheet
278Kb / 6P
   DC - 1500MHz Low Power CMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com