Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83501-12 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 83501-12
Description  3.5 GHz Low Power CMOS Divide-by-2 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

83501-12 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  83501-12 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 83501-12 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PE83501
Product Specification
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0124~00B
| UTSi  CMOS RFIC SOLUTIONS
Page 4 of 7
Typical Performance Data: VDD = 3.0V
Figure 6. Input Sensitivity
Figure 7. Device Current
Figure 8. Output Power


Similar Part No. - 83501-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
83501-12 PEREGRINE-83501-12 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
More results

Similar Description - 83501-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE9304 PEREGRINE-PE9304 Datasheet
223Kb / 6P
   1- 7 GHz Low Power CMOS Divide-by-2 Prescaler
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83511 PEREGRINE-PE83511 Datasheet
278Kb / 6P
   DC - 1500MHz Low Power CMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com