Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9704-11 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 9704-11
Description  3.0 GHz Integer-N PLL for Rad Hard Apllications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9704-11 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  9704-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PE9704
Advance Information
PEREGRINE SEMICONDUCTOR CORP.  | http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 3 of 12
Pin No.
Pin Name
Interface Mode
Type
Description
M5
Direct
Input
M Counter bit5
17
GND
Both
Ground
CLOCK
Serial
Input
Clock input. Data is clocked serially into either the 20-bit primary register (E_WR
“low”) or the 8-bit enhancement register (E_WR “high”) on the rising edge of CLOCK.
18
M6
Direct
Input
M Counter bit6
19
M7
Direct
Input
M Counter bit7
20
M8
Direct
Input
M Counter bit8 (MSB)
21
A0
Direct
Input
A Counter bit0
22
DMODE
Both
Input
Selects direct interface mode (DMODE=1) or serial interface mode (DMODE=0)
23
VDD
Both
(Note 1)
Same as pin 1
E_WR
Serial
Input
Enhancement register write enable. While E_WR is “high”, DATA can be serially
clocked into the enhancement register on the rising edge of CLOCK.
24
A1
Direct
Input
A Counter bit1.
25
A2
Direct
Input
A Counter bit2
26
A3
Direct
Input
A Counter bit3 (MSB)
27
FIN
Both
Input
RF prescaler input from the VCO. 3.0 GHz maximum frequency.
28
GND
Both
Ground.
29
GND
Both
Ground.
30
N/C
No connect.
31
VDD
Both
(Note 1)
Same as pin 1
32
DOUT
Serial
Output
Data Out. The Main Counter output, R Counter output, or dual modulus prescaler
select (MSEL) can be routed to DOUT through enhancement register programming.
33
VDD
Both
(Note 1)
Same as pin 1
34
N/C
No connect.
35
GND
Both
Ground.
36
PD_D
Both
Output
PD_D pulses down when fp leads fc.
37
PD_U
Both
PD_U pulses down when fc leads fp.
38
VDD
Both
(Note 1)
Same as pin 1
39
CEXT
Both
Output
Logical “NAND” of PD_U and PD_D, passed through an on-chip, 2 k
Ω series resistor.
Connecting CEXT to an external capacitor will low pass filter the input to the inverting
amplifier used for driving LD.
40
GND
Both
Ground
41
GND
Both
Ground
42
FR
Both
Input
Reference frequency input
43
ENH
Both
Output, OD
Enhancement mode. When asserted low (“0”), enhancement register bits are
functional.
44
LD
Serial
Output
Lock detect output, the open-drain logical inversion of CEXT. When the loop is locked,
LD is high impedance; otherwise LD is a logic low (“0”).
Note 1:
VDD pins 1, 11, 12, 23, 31, 33, 35, and 38 are connected by diodes and must be supplied with the same positive voltage level.
Note 2:
All digital input pins have 70 k
Ω pull-down resistors to ground.


Similar Part No. - 9704-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
9704-11 PEREGRINE-9704-11 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - 9704-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com