Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9701-01 Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # 9701-01
Description  3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9701-01 Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button 9701-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 12Page - Peregrine Semiconductor Corp. 9701-01 Datasheet HTML 13Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product Specification
PE9701
Page 11 of 13
Document No. 70-0035-02
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
pin CP. The current pulses from pin CP are low
pass filtered externally and then connected to the
VCO tune voltage. PD_U pulses result in a
current source, which increases the VCO
frequency; PD_D pulses result in a current sink,
which decreases VCO frequency.
A lock detect output, LD is also provided, via the
pin Cext. Cext is the logical “NAND” of PD_U and
PD_D waveforms, which is driven through a series
2k
Ω resistor. Connecting Cext to an external
shunt capacitor provides integration. Cext also
drives the input of an internal inverting comparator
with an open drain output. Thus LD is an “AND”
function of PD_U and PD_D. See Figure 4 for a
schematic of this circuit.
Enhancement Register
The functions of the enhancement register bits are shown below with all bits active “high”.
Table 9. Enhancement Register Bit Functionality
** Program to 0
Phase Detector
The phase detector is triggered by rising edges
from the main Counter (fp) and the reference
counter (fc). It has two outputs, namely PD_U,
and PD_D. If the divided VCO leads the divided
reference in phase or frequency (fp leads fc),
PD_D pulses “high”. If the divided reference leads
the divided VCO in phase or frequency (fr leads
fp), PD_U pulses “high”. The width of either pulse
is directly proportional to phase offset between the
two input signals, fp and fc.
The signals from the phase detector couple
directly to a charge pump. PD_U controls a
current source at pin CP with constant amplitude
and pulse duration approximately the same as
PD_U. PD_D similarly drives a current sink at
Bit Function
Description
Bit 0
Reserved**
Bit 1
Reserved**
Bit 2
Reserved**
Bit 3
Power down
Power down of all functions except programming interface.
Bit 4
Counter load
Immediate and continuous load of counter programming as directed by the
Bmode and
Smode inputs.
Bit 5
MSEL output
Drives the internal dual modulus prescaler modulus select (MSEL) onto the Dout output.
Bit 6
Prescaler output
Drives the raw internal prescaler output (fmain) onto the Dout output.
Bit 7
fp, fc OE
fp, fc outputs disabled.


Similar Part No. - 9701-01

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
970100151 WURTH-970100151 Datasheet
68Kb / 2P
   AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
970100321 WURTH-970100321 Datasheet
68Kb / 2P
   AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
970100351 WURTH-970100351 Datasheet
68Kb / 2P
   AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
970100361 WURTH-970100361 Datasheet
68Kb / 2P
   AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
970100471 WURTH-970100471 Datasheet
68Kb / 2P
   AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
More results

Similar Description - 9701-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com