Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9354-01 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 9354-01
Description  SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9354-01 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  9354-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9354-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9354-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9354-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9354-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9354-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9354-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specification
PE9354
Page 3 of 7
Document No. 70-0099-02
│ www.psemi.com
©2004-2006 Peregrine Semiconductor Corp. All rights reserved.
Typical Performance Data @ -55 °C to 125 °C
Figure 4. Insertion Loss – RFC to RF1
Figure 5. Input 1dB Compression Point
Figure 6. Insertion Loss – RFC to RF2
Figure 7. Isolation – RFC to RF1


Similar Part No. - 9354-01

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
3M Electronics
9350 3M-9350 Datasheet
1Mb / 3P
   Sample Development Design Kits for High Speed Cabling and Connectors
logo
Amphenol Corporation
9350 AMPHENOL-9350 Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
9350 AMPHENOL-9350 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 9354-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9354 PSEMI-PE9354 Datasheet
189Kb / 7P
   SPDT High Power UltraCMOS RF Switch Rad hard for Space Applications
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com