Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90A80N Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC90A80N
Description  3-Line Digital Comb Filter for VCR, YNR/CNR, and Skew Correctors (NTSC)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A80N Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC90A80N Datasheet HTML 1Page - Toshiba Semiconductor TC90A80N Datasheet HTML 2Page - Toshiba Semiconductor TC90A80N Datasheet HTML 3Page - Toshiba Semiconductor TC90A80N Datasheet HTML 4Page - Toshiba Semiconductor TC90A80N Datasheet HTML 5Page - Toshiba Semiconductor TC90A80N Datasheet HTML 6Page - Toshiba Semiconductor TC90A80N Datasheet HTML 7Page - Toshiba Semiconductor TC90A80N Datasheet HTML 8Page - Toshiba Semiconductor TC90A80N Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TC90A80N/F
2002-12-04
4
Pin
No.
Pin Name
Function
DC Level
(V)
Interface Circuit
9
YCIN
Composite video signal input pin
(I
2C Bus function: YCS)
Because sync tip clamp is internally used, the signal
should be applied after cutting the DC component
using a capacitor of around 0.47 µF.
Sync Tip
YCS Mode
: 1.86
NR Mode
: 1.83
10
VSS3
Logic and DRAM GND pin (digital)
Separate digital VSS from analog VSS.
0.0
11
KIPVIN
Killer control and pseudo vertical pulse (PV) input pin
(M or H polarity can be selected using I
2C Bus.)
In Killer mode, Y/C separation, vertical enhancer, CNR,
and YNR are halted.
PV input: Vertical mask signal for detecting skew.
Apply PV which is synchronous with input video signal.
For normal use, or not in use, set the pin to Low.
3-level
input
12
VDD3
Logic power supply pin (digital)
Separate digital VDD from analog VDD.
5.0
13
VDD4
DRAM power supply (digital)
Separate digital VDD from analog VDD.
5.0
14
CSYNCIN
Composite sync pulse input pin for detecting skew
Apply sync separation pulse (positive polarity pulse) of
the input video signal.
When not in use, set to Low.
15
SCL
I
2C bus clock input pin
16
SDA
I
2C bus data input/output pin
17
HDPVOUT
Sync output pin
In Skew Correction Mode: Output can be selected as
either HD pulse which is synchronous with output video
signal or signal mixed with input PV.
In modes other than Skew Correction, drives out C
Composite sync pulse. Use for later-stage circuit such
as 3DNR.
9
20 Ω
20 Ω
11
700 Ω 3.2 V
1.4 V
14
700 Ω
16
700 Ω
ACK
15
700 Ω
17


Similar Part No. - TC90A80N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A13F TOSHIBA-TC90A13F Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A17F TOSHIBA-TC90A17F Datasheet
1Mb / 30P
   PAP/PIP/POP CINTROLLER FOR NTCS /PAL WIDE TV
TC90A18AF TOSHIBA-TC90A18AF Datasheet
324Kb / 8P
   TIME COMPRESSION LSI FOR EDTV-II WIDE-SCREEN TVs
TC90A30AF TOSHIBA-TC90A30AF Datasheet
1Mb / 36P
   toshiba cmos digital intergrated circuit silicon monolithic
More results

Similar Description - TC90A80N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
Toshiba Semiconductor
TL8857F TOSHIBA-TL8857F Datasheet
450Kb / 13P
   NTSC SKEW CORRECTION IC FOR VCR
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Texas Instruments
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com