Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4308 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE4308
Description  75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4308 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button PE4308 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4308 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE4308
Page 6 of 11
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0162-04
│ UltraCMOS™ RFIC Solutions
20
25
30
35
40
45
50
55
60
0
500
1000
1500
2000
RF Frequency (MHz)
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
RF Frequency (MHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0
5
10
15
20
25
30
35
Attenuation Setting (dB)
1.2GHz, -40C
1.2GHz, 85C
1.2GHz, 25C
Figure 15. Input 1 dB Compression (Zo=50 ohms)
Figure 16. Input IP3 (Zo=50 ohms)
Figure 14. Attenuation Error vs. Attenuation
Setting
Typical Performance Data (25°C, VDD = 3.0 V unless otherwise noted)
Note: Positive attenuation error indicates higher attenuation than target value


Similar Part No. - PE4308

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
   BNC Female Connector Crimp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor
PE4308 PSEMI-PE4308 Datasheet
504Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
357Kb / 3P
   BNC Female Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
More results

Similar Description - PE4308

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
   Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com