Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4307 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # 4307
Description  75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4307 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button 4307 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Specification
PE4307
Page 8 of 11
©2003-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0161-05 │ UltraCMOS® RFIC Solutions
Table 7. 5-Bit Attenuator Serial Programming
Register Map
Table 9. Parallel Interface AC Characteristics
Figure 19. Parallel Interface Timing Diagram
Table 8. Serial Interface AC Characteristics
Figure 18. Serial Interface Timing Diagram
VDD = 3.0V, -40°C < TA < 85°C, unless otherwise specified
VDD = 3.0V, -40°C < TA < 85°C, unless otherwise specified
Note: The start bit (B5) must always be low to prevent an unknown state in the
device
Note 1: fClk is verified during the functional pattern test. Serial programming
sections of the functional pattern are clocked at 10 MHz to verify fclk
specification
LE
Clock
Data
MSB
LSB
t
LESUP
t
SDSUP
t
SDHLD
t
LEPW
B5
B4
B3
B2
B1
B0
0
C8C4C2C1
C0.5

LSB (last in)
MSB (first in)
t
PDSUP
t
PDHLD
LE
t
LEPW
Parallel Data
C8:C0.5
Symbol
Parameter
Min
Max
Unit
fClk
Serial data clock
frequency (Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tLESUP
LE set-up time after last
clock falling edge
10
ns
tLEPW
LE minimum pulse width
30
ns
tSDSUP
Serial data set-up time
before clock rising edge
10
ns
tSDHLD
Serial data hold time
after clock falling edge
10
ns
Symbol
Parameter
Min
Max
Unit
tLEPW
LE minimum pulse width
10
--
ns
tPDSUP
Data set-up time before
rising edge of LE
10
--
ns
tPDHLD
Data hold time after
falling edge of LE
10
--
ns


Similar Part No. - 4307

ManufacturerPart #DatasheetDescription
logo
API Delevan
4307-106K API-4307-106K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-125K API-4307-125K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-126K API-4307-126K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-155K API-4307-155K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-156K API-4307-156K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
More results

Similar Description - 4307

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com