Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4305-02 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4305-02
Description  50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4305-02 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4305-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4305-02 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. 70/0159~02C
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
4x4mm -20 Lead QFN
The PE4305 is a high linearity, 5-bit RF Digital Step Attenuator
(DSA) covering a 15.5 dB attenuation range in 0.5 dB steps,
and is pin compatible with the PE430x series. This 50-ohm RF
DSA provides both parallel (latched or direct mode) and serial
CMOS control interface, operates on a single 3-volt supply and
maintains high attenuation accuracy over frequency and
temperature. It also has a unique control interface that allows
the user to select an initial attenuation state at power-up. The
PE4305 exhibits very low insertion loss and low power
consumption. This functionality is delivered in a 4x4 mm QFN
footprint.
The PE4305 is manufactured in Peregrine’s patented Ultra
Thin Silicon (UTSi®) CMOS process, offering the performance
of GaAs with the economy and integration
of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
5-bit, 15.5 dB, DC – 4.0 GHz
Product Description
Figure 1. Functional Schematic Diagram
PE4305
Features
Attenuation: 0.5 dB steps to 15.5 dB
Flexible parallel and serial programming
interfaces
Latched or direct mode
Unique power-up state selection
Positive CMOS control logic
High attenuation accuracy and linearity
over temperature and frequency
Very low power consumption
Single-supply operation
50 Ω impedance
Pin compatible with PE430x series
Packaged in a 20 Lead 4x4 mm QFN
Control Logic Interface
Parallel Control
Power-Up Control
Serial Control
RF Input
RF Output
Switched Attenuator Array
6
3
2
Figure 2. Package Type
Table 1. Electrical Specifications @ +25°C, VDD = 3.0 V
Notes: 1. Device Linearity will begin to degrade below 1Mhz
2. See Max input rating in Table 2 & Figures on Pages 2 to 4 for data across frequency.
3. Note Absolute Maximum in Table 3.
Parameter
Test Conditions
Frequency
Minimum
Typical
Maximum
Units
Operation Frequency
DC
4000
MHz
Insertion Loss2
DC - 2.2 GHz
-
1.5
2.25
dB
Attenuation Accuracy
Any Bit or Bit
Combination
DC - 2.2 GHz
-
-
±(0.25 + 3% of atten setting)
not to exceed ± 0.4 dB
dB
1 dB Compression3
1 MHz - 2.2 GHz
30
34
-
dBm
Input IP31, 2
Two-tone inputs
+18 dBm
1 MHz - 2.2 GHz
-
52
-
dBm
Return Loss
DC - 2.2 GHz
15
20
-
dB
Switching Speed
50% control to 0.5 dB
of final value
-
-
1
µs


Similar Part No. - 4305-02

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4305.0001 SCHURTER-4305.0001 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
More results

Similar Description - 4305-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com