Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4501M Datasheet(PDF) 11 Page - Advanced Power Electronics Corp.

Part # AP4501M
Description  N AND P-CHANNEL ENHANCEMENT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4501M Datasheet(HTML) 11 Page - Advanced Power Electronics Corp.

Back Button AP4501M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 8Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 9Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 10Page - Advanced Power Electronics Corp. AP4501M Datasheet HTML 11Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AP4501M
P-Channel
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
td(on)
tr
td(off) t
f
VDS
VGS
10%
90%
Q
VG
-10V
QGS
QGD
QG
Charge
0.5 x RATED VDS
TO THE
OSCILLOSCOPE
-10 V
D
G
S
VDS
VGS
RG
RD
0.5 x RATED VDS
TO THE
OSCILLOSCOPE
D
G
S
VDS
VGS
I
D
I
G
-1~-3mA


Similar Part No. - AP4501M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4501AGEM-HF A-POWER-AP4501AGEM-HF Datasheet
130Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP4501AGEM-HF A-POWER-AP4501AGEM-HF_14 Datasheet
130Kb / 7P
   Simple Drive Requirement
AP4501AGEM-HF A-POWER-AP4501AGEM-HF_16 Datasheet
134Kb / 8P
   Fast Switching Performance
AP4501AGEY-HF A-POWER-AP4501AGEY-HF Datasheet
124Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP4501AGEY-HF A-POWER-AP4501AGEY-HF_14 Datasheet
124Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP4501M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3C010H A-POWER-AP3C010H Datasheet
131Kb / 8P
   N AND P-CHANNEL ENHANCEMENT
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com