Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2305N Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2305N
Description  P-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2305N Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2305N Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2305N Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2305N Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2305N Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP2305N
65mΩ
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit
0
2
4
6
8
10
12
0
5
10
15
20
25
Q G , Total Gate Charge (nC)
I D = -4.2A
V DS = -16V
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
1s
1ms
10ms
100ms
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
Rthja = 270℃
℃/W
0.75 x RATED VDS
TO THE
OSCILLOSCOPE
-10 V
D
G
S
VDS
VGS
RG
RD
0.8 x RATED VDS
TO THE
OSCILLOSCOPE
D
G
S
VDS
VGS
ID
IG
-1~-3mA
10
100
1000
10000
1
5
9
1317
2125
29
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
Ciss
Coss
Crss


Similar Part No. - AP2305N

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2305N-HF A-POWER-AP2305N-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
AP2305N-HF A-POWER-AP2305N-HF_16 Datasheet
61Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP2305N

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com