Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4280-00 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # 4280-00
Description  75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4280-00 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

  4280-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4280-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4280-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4280-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4280-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4280-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4280-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4280-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Specification
PE4280
Page 8 of 8
©2010-11 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0164-05
│ UltraCMOS™ RFIC Solutions
Advance Information: The product is in a formative or design stage. The datasheet contains
design target specifications for product development. Specifications and features may change in
any manner without notice. Preliminary Specification: The datasheet contains preliminary
data. Additional data may be added at a later date. Peregrine reserves the right to change
specifications at any time without notice in order to supply the best possible product. Product
Specification: The datasheet contains final data. In the event Peregrine decides to change the
specifications, Peregrine will notify customers of the intended changes by issuing a CNF
(Customer Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no
liability for the use of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any
third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical
implant, or in other applications intended to support or sustain life, or in any application in which the
failure of the Peregrine product could create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including consequential or incidental damages, arising out
of the use of its products in such applications.
The Peregrine name, logo, and UTSi are registered trademarks and UltraCMOS, HaRP, MultiSwitch
and DuNE are trademarks of Peregrine Semiconductor Corp. All other trademarks mentioned herein
are the property of their respective companies.
Sales Contact and Information
For Sales and contact information please visit www.psemi.com.


Similar Part No. - 4280-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Pomona Electronics
4280 POMONA-4280 Datasheet
48Kb / 1P
   Bantam Miniature Phone Plug
logo
LEMO Connectors
4280 LEMO-4280 Datasheet
99Kb / 4P
   B - Indoor keyed
logo
Turck, Inc.
4280012 TURCK-4280012 Datasheet
282Kb / 3P
   Inductive Sensor
11/07/2023
4280090 TURCK-4280090 Datasheet
312Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 4280-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com