Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP3BT13 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3BT13
Description  CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT13 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CP3BT13 Datasheet HTML 1Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 2Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 3Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 4Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 5Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 6Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 7Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 8Page - National Semiconductor (TI) CP3BT13 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 232 page
background image
3
www.national.com
2.0
Features
CPU Features
Fully static RISC processor core, capable of operating
from 0 to 24 MHz with zero wait/hold states
Minimum 41.7 ns instruction cycle time with a 24-MHz in-
ternal clock frequency, based on a 12-MHz external input
30 independently vectored peripheral interrupts
On-Chip Memory
256K bytes reprogrammable Flash program memory
8K bytes Flash data memory
10K bytes of static RAM data memory
Addresses up to 8 Mbytes of external memory
Broad Range of Hardware Communications Peripherals
Bluetooth Lower Link Controller (LLC) including a shared
4.5K byte Bluetooth RAM and 1K byte Bluetooth Se-
quencer RAM
Full CAN interface with 15 message buffers conforming
to CAN specification 2.0B active
ACCESS.bus serial bus (compatible with Philips I2C bus)
8/16-bit SPI, Microwire/Plus serial interface
Universal Asynchronous Receiver/Transmitter (UART)
Advanced Audio Interface (AAI) to connect to external 8/
13-bit PCM Codecs as well as to ISDN-Controllers
through the IOM-2 interface (slave only)
CVSD/PCM converter supporting one bidirectional audio
connection
General-Purpose Hardware Peripherals
Dual 16-bit Multi-Function Timer
Versatile Timer Unit with four subsystems (VTU)
Four channel DMA controller
Timing and Watchdog Unit
Flexible I/O
Up to 40 general-purpose I/O pins (shared with on-chip
peripheral I/O pins)
Programmable I/O pin characteristics: TRI-STATE out-
put, push-pull output, weak pull-up input, high-imped-
ance input
Schmitt triggers on general purpose inputs
Multi-Input Wakeup
Extensive Power and Clock Management Support
On-chip Phase Locked Loop
Support for multiple clock options
Dual clock and reset
Power-down modes
Power Supply
I/O port operation at 2.5V to 3.3V
Core logic operation at 2.5V
On-chip power-on reset
Temperature Range
-40°C to +85°C (Industrial)
Packages
CSP-48, LQFP-100
Complete Development Environment
Pre-integrated hardware and software support for rapid
prototyping and production
Integrated environment
Project manager
Multi-file C source editor
High-level C source debugger
Comprehensive, integrated, one-stop technical support
Bluetooth Protocol Stack
Applications can interface to the high-level protocols or
directly to the low-level Host Controller Interface (HCI)
Transport layer support allows HCI command-based in-
terface over UART port
Baseband (Link Controller) minimizes the performance
demand on the CPU
CP3BT13 Connectivity Processor Selection Guide
NSID
Speed
(MHz)
Temp. Range
Program
Flash
(kBytes)
Data
Flash
(kBytes)
SRAM
(kBytes)
External
Address
Lines
I/Os
Package
Type
CP3BT13G38
24
-40° to +85°C
256
8
10
23
40
LQFP-100
CP3BT13K38
24
-40° to +85°C
256
8
10
0
23
CSP-48


Similar Part No. - CP3BT13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10G38 NSC-CP3BT10G38 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10G38X NSC-CP3BT10G38X Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10K38X NSC-CP3BT10K38X Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT10K38Y NSC-CP3BT10K38Y Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
More results

Similar Description - CP3BT13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3BT23 TI1-CP3BT23_14 Datasheet
3Mb / 324P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
   Reprogrammable Connectivity Processor with CAN Interface
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
   CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
   CP3UB17 Reprogrammable Connectivity Processor with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com