Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9328AF Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 5Page - Toshiba Semiconductor TC9328AF Datasheet HTML 6Page - Toshiba Semiconductor TC9328AF Datasheet HTML 7Page - Toshiba Semiconductor TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor TC9328AF Datasheet HTML 10Page - Toshiba Semiconductor TC9328AF Datasheet HTML 11Page - Toshiba Semiconductor TC9328AF Datasheet HTML 12Page - Toshiba Semiconductor TC9328AF Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
TC9328AF
2002-02-07
9
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
48
FMin
FM local oscillation
signal input
49
AMin
AM local oscillation
signal input
Programmable counter input pin for
FM/AM band.
For FM input, mode can be switched
between 1/2
+ Pulse Swallow VHF and
FM mode. For AM input, mode can be
switched between Pulse Swallow (HF)
and Direct Dividing (LF) mode.
Normally, local oscillation output
(Voltage-Controlled Oscillator: VCO
output) of 50 to 230 MHz is input in
VHF mode; 30 to 130 MHz in FM mode;
1 to 30 MHz in HF mode; 0.5 to 8 MHz
in LF mode.
A PLL can be configured using an
external prescaller. In such a case, set
the pin to LF, and connect the
prescaller divider output to the AMin
input pin and the PSC input to the P2-3
(PSC) output pin.
With an input amp incorporated,
capacitive-coupling, small-amplitude
operation.
Note: The input is at high impedance in
PLL Off mode or if the pins are
not used for input.
52
51
DO1/P
DO2/OT/N
Phase comparator
output/output port
/P output
Phase comparator
output/output port
/N output
PLL phase comparator output pins.
Tristate output. When the program
counter divider output is higher than the
reference frequency, H level is output;
when lower, L level; and when they
match, high impedance. For the phase
comparator power supply, a 1.5 V
constant voltage supply (Vreg pin) is
used. Even if the power supply voltage
drops, a stable PLL can be configured.
Because DO1 and DO2 are output in
parallel, a filter constant can be
optimally designed for each FM/AM
band.
The DO2 pin can be programmed to
high impedance or as an output port
(OT). Therefore, using the DO1 and
DO2 pins, lockup time can be improved
or the pins can be effectively used as
output ports.
Also, the phase comparator charge
pump control signal (P/N) can be output
from the DO1/2 pin by program so a
PLL using an external charge pump can
be configured. In such a case, when the
program counter divider output is higher
than the reference frequency, P/N is
output at H/L level; when lower, L/H
level; and when they match, L/L level.
When set to this mode, H level output
becomes VDD level.
Note: For tristate output, the H level
output uses a constant voltage
supply. When H level output
current is required, Toshiba
recommend using an external
power supply.
Vreg
VDD
RfIN1
VDD
RfIN2


Similar Part No. - TC9328AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9328AF TOSHIBA-TC9328AF Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
More results

Similar Description - TC9328AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9308AF-022 TOSHIBA-TC9308AF-022 Datasheet
120Kb / 3P
   DTS MICRO CONTROLLER
TC9308AF-028 TOSHIBA-TC9308AF-028 Datasheet
117Kb / 3P
   DTS MICRO CONTROLLER
TC9316F-001 TOSHIBA-TC9316F-001 Datasheet
128Kb / 3P
   DTS MICRO CONTROLLER
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com