Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8260AEC Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC8260AEC
Description  MPC826xA (HiP4) Family Hardware Specifications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260AEC Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC8260AEC Datasheet HTML 7Page - Motorola, Inc MPC8260AEC Datasheet HTML 8Page - Motorola, Inc MPC8260AEC Datasheet HTML 9Page - Motorola, Inc MPC8260AEC Datasheet HTML 10Page - Motorola, Inc MPC8260AEC Datasheet HTML 11Page - Motorola, Inc MPC8260AEC Datasheet HTML 12Page - Motorola, Inc MPC8260AEC Datasheet HTML 13Page - Motorola, Inc MPC8260AEC Datasheet HTML 14Page - Motorola, Inc MPC8260AEC Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
11
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical and Thermal Characteristics
IOL = 5.3mA
CS[0-9]
CS(10)/BCTL1
CS(11)/AP(0)
BADDR[27–28]
ALE
BCTL0
PWE(0:7)/PSDDQM(0:7)/PBS(0:7)
PSDA10/PGPL0
PSDWE/PGPL1
POE/PSDRAS/PGPL2
PSDCAS/PGPL3
PGTA/PUPMWAIT/PGPL4/PPBS
PSDAMUX/PGPL5
LWE[0–3]LSDDQM[0:3]/LBS[0–3]/PCI_CFG[0–32
LSDA10/LGPL0/PCI_MODCKH02
LSDWE/LGPL1/PCI_MODCKH12
LOE/LSDRAS/LGPL2/PCI_MODCKH22
LSDCAS/LGPL3/PCI_MODCKH32
LGTA/LUPMWAIT/LGPL4/LPBS
LSDAMUX/LGPL5/PCI_MODCK2
LWR
MODCK1/AP(1)/TC(0)/BNKSEL(0)
MODCK2/AP(2)/TC(1)/BNKSEL(1)
MODCK3/AP(3)/TC(2)/BNKSEL(2)
IOL = 3.2mA
L_A14/PAR2
L_A15/FRAME2/SMI
L_A16/TRDY2
L_A17/IRDY2/CKSTP_OUT
L_A18/STOP2
L_A19/DEVSEL2
L_A20/IDSEL2
L_A21/PERR2
L_A22/SERR2
L_A23/REQ02
L_A24/REQ12/HSEJSW2
L_A25/GNT02
L_A26/GNT12/HSLED2
L_A27/GNT22/HSENUM2
L_A28/RST2/CORE_SRESET
L_A29/INTA2
L_A30/REQ22
L_A31
LCL_D(0-31)/AD(0-31)2
LCL_DP(0-3)/C/BE(0-3)2
PA[0–31]
PB[4–31]
PC[0–31]
PD[4–31]
TDO
VOL
0.4
V
1 The leakage current is measured for nominal VDDH and VDD or both VDDH and VDD must vary in the same
direction; that is, VDDH and VDD either both vary in the positive direction (+5% and +0.1 Vdc) or both vary in
the negative direction (-5% and -0.1 Vdc).
2 MPC8265A and MPC8266A only.
Table 5. DC Electrical Characteristics (Continued)
Characteristic
Symbol
Min
Max
Unit


Similar Part No. - MPC8260AEC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
logo
Motorola, Inc
MPC8260ACVR MOTOROLA-MPC8260ACVR Datasheet
662Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC8260ACZU MOTOROLA-MPC8260ACZU Datasheet
662Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC8260AVR MOTOROLA-MPC8260AVR Datasheet
662Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC8260AZU MOTOROLA-MPC8260AZU Datasheet
662Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
More results

Similar Description - MPC8260AEC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8260 MOTOROLA-MPC8260 Datasheet
662Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com