Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62LV2008CG-70 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UC62LV2008CG-70
Description  Low Power CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LV2008CG-70 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UC62LV2008CG-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC62LV2008CG-70 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Low Power CMOS SRAM
256K X 8 Bits
UC62LV2008
-55/-70
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=1.5V~3.6V)
WRITE CYCLE
UC62LV2008-55
UC62LV2008-70
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tWC
Write Cycle Time
55
-
-
70
-
-
Ns
tE1LWH
tCW
Chip Select to END of Write
40
-
-
50
-
-
Ns
tAVWL
tAS
Address Setup Time
0
-
-
0
-
-
Ns
tAVWH
tAW
Address valid to End of Write
40
-
-
50
-
-
Ns
tWLWH
tWP
Write Pulse Width
40
-
-
50
-
-
Ns
tWHAX
tWR
Write Recovery Time
0
-
-
0
-
-
Ns
tWLOZ
tWHZ
Write to Output in High Z
-
-
20
-
-
20
Ns
tDVWH
tDW
Data to Write Time Overlap
35
-
40
-
Ns
tWHDX
tDH
Data Hold Time for Write End
0
-
-
0
-
-
Ns
tGHOZ
tOHZ
Output Disable to Output In High Z
-
-
20
-
-
20
Ns
tWHQX
tOW
End of Write to Output Active
5
-
-
5
-
-
Ns
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITECYCLE1
(1)
t
WC
ADDRESS
t
DH
t
OHZ
WE
D
OUT
OE
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
(4,10)
D
IN
t
DW
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
6


Similar Part No. - UC62LV2008CG-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV2048 ETC-UC62LV2048 Datasheet
510Kb / 9P
   Low Power CMOS SRAM
UC62LV2048AC ETC-UC62LV2048AC Datasheet
510Kb / 9P
   Low Power CMOS SRAM
UC62LV2048AI ETC-UC62LV2048AI Datasheet
510Kb / 9P
   Low Power CMOS SRAM
UC62LV2048JC ETC-UC62LV2048JC Datasheet
510Kb / 9P
   Low Power CMOS SRAM
UC62LV2048JI ETC-UC62LV2048JI Datasheet
510Kb / 9P
   Low Power CMOS SRAM
More results

Similar Description - UC62LV2008CG-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2048 ETC-UC62LV2048 Datasheet
510Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55BIN ALSC-AS6C6416-55BIN Datasheet
699Kb / 11P
   Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS4096 ETC1-UC62LS4096 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LV1024 ETC1-UC62LV1024 Datasheet
463Kb / 9P
   Low Power CMOS SRAM
UC62LV4096 ETC1-UC62LV4096 Datasheet
464Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55TIN ALSC-AS6C6416-55TIN Datasheet
671Kb / 12P
   LOW POWER CMOS SRAM
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
   Low Power CMOS SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com