Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62LS4096AI-25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UC62LS4096AI-25
Description  Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS4096AI-25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UC62LS4096AI-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS4096AI-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Low Power CMOS SRAM
256K X 16
UC62LS4096
-20/-25
Features:
• Vcc operation voltage :
3.0 V~ 3.6V
• Low power consumption :
20mA (Max.) operating current
2uA (Typ.) CMOS standby current
• High Speed Access time :
25ns (Max.) at Vcc = 3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Data retention supply voltage as low as 1.2V
• Easy expansion with CE\ and OE\ options
Description
The UC62LS4096 is a high performance, low power
CMOS Static Random Access Memory organized as 262,144
words by 16 and operates from 3.0V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide
both high speed and low power features with a typical CMOS
standby current of 2uA and maximum access time of 25ns in
3.0V operation.
Easy memory expansion is provided enable (CE\), and
active LOW output enable (OE\) and three-state output
drivers.
The UC62LS4096 has an automatic power down feature,
reducing the power consumption significantly when chip is
deselected.
The US62LS4096 is available in the JEDEC standard 44
pin TSOP (Type II) and 48 pin mini-BGA.
PRODUCT FAMILY
Power Consumption
Speed
(ns)
STANDBY
Operating
Product Family
Operating
Tempature
Vcc Range
Vcc=3.0V(Max.)
Vcc=3.3V(Typ.)
Vcc=3.6V(Max.)
Package
Type
UC62LS4096JC
TSOPII-44
UC62LS4096KC
BGA-48
UC62LS4096AC
0
~ 70
℃℃
3.0V ~ 3.6V
20/25
2uA
20mA
DICE
UC62LS4096JI
TSOPII-44
UC62LS4096KI
BGA-48
UC62LS4096AI
-40
~
85℃
3.0V ~ 3.6V
20/25
2uA
20mA
DICE
PIN CONFIGURATIONS
A4
1
A3
2
A2
3
A1
4
A0
5
CE
6
DQ0
7
DQ1
8
DQ2
9
DQ3
10
11
GND
12
DQ4
13
DQ5
14
DQ6
15
DQ7
16
WE
17
A16
18
A15
19
A14
20
A13
21
A12
22
A5
44
A6
43
A7
42
OE
41
UB
40
LB
39
DQ15
38
DQ14
37
DQ13
36
DQ12
35
GND
34
VCC
33
DQ11
32
DQ10
31
DQ9
30
DQ8
29
NC
28
A8
27
A9
26
A10
25
A11
24
A17
23
UC62LS4096JI
LB
OE
A0
A1
A2
NC
DQ8
UB
A3
A4
CE
DQ0
DQ9
DQ10
A5
A6
DQ1
DQ2
GND
DQ11
NC
A7
DQ3
VCC
VCC
DQ12
NC
A16
DQ4
GND
DQ14
DQ13
A14
A15
DQ5
DQ6
DQ15
NC
A12
A13
WE
DQ7
NC
A8
A9
A10
A11
A17
VCC
UC62LS4096JC
BLOCK DIAGRAM
MEMORY ARRAY
256K X 16 Bits
COLUMN DECODER
SENSE AMPLIFIER
&
WRITE DRIVER
I/O BUFFER
X16
COL
Address
ROW
Address
CE
WE
OE
CE
WE
OE
DQ0 ~ DQ15
UB
LB
UB
LB
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
1


Similar Part No. - UC62LS4096AI-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008-20 ETC1-UC62LS4008-20 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008-25 ETC1-UC62LS4008-25 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008AC ETC1-UC62LS4008AC Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UC62LS4008AI ETC1-UC62LS4008AI Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
More results

Similar Description - UC62LS4096AI-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2048 ETC-UC62LV2048 Datasheet
510Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55BIN ALSC-AS6C6416-55BIN Datasheet
699Kb / 11P
   Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LV1024 ETC1-UC62LV1024 Datasheet
463Kb / 9P
   Low Power CMOS SRAM
UC62LV4096 ETC1-UC62LV4096 Datasheet
464Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55TIN ALSC-AS6C6416-55TIN Datasheet
671Kb / 12P
   LOW POWER CMOS SRAM
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
   Low Power CMOS SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com