Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62LV1024JI-70 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UC62LV1024JI-70
Description  Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LV1024JI-70 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  UC62LV1024JI-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LV1024JI-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Low Power CMOS SRAM
64K X 16
UC62LV1024
-55/-70
WRITE CYCLE2
(1,6)
t
WC
ADDRESS
t
DH
t
WHZ
WE
D
OUT
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
D
IN
t
DW
t
OH
(8)
(7)
NOTES:
1.
WE\ must be high during address transitions.
2.
The internal write time of the memory is defined by the overlap of CE\ and WE\ low. All signals
must be active to initiate a write and any one can terminate a write by going inactive. The data
input setup and hold timing should be referenced to the second transition edge of the signal that
terminates the write.
3.
TWR is measured from the earlier of CE\ or WE\ going high at the end of write cycle.
4.
During this period, DQ pins are in the output state so that the input signals of opposite phase to
the outputs must not be applied.
5.
If the CE\ low transition occurs simultaneously with the WE\ low transitions or after the WE\
transition, output remain in a high impedance state.
6.
OE\ is continuously low (OE\ = VIL).
7.
DOUT is the same phase of write data of this write cycle.
8.
DOUT is the read data of next address.
9.
If CE\ is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. Transition is measured 500mV from steady state with CL = 5pF as shown in Figure 1B. The
parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE\ going low to the end of write.
U-Chip Technology Corp. LTD.
Preliminary
Rev. 1.0
Reserves the right to modify document contents without notice.
PAGE
7


Similar Part No. - UC62LV1024JI-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV1008-55 ETC-UC62LV1008-55 Datasheet
540Kb / 11P
   LOW POWER CMOS SRAM 128K X 8BITS
More results

Similar Description - UC62LV1024JI-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2048 ETC-UC62LV2048 Datasheet
510Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55BIN ALSC-AS6C6416-55BIN Datasheet
699Kb / 11P
   Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS4096 ETC1-UC62LS4096 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LV4096 ETC1-UC62LV4096 Datasheet
464Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55TIN ALSC-AS6C6416-55TIN Datasheet
671Kb / 12P
   LOW POWER CMOS SRAM
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
   Low Power CMOS SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com