Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5429EUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5429EUA
Description  One-Time Programmable, Linear-Taper Digital Potentiometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5429EUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5429EUA Datasheet HTML 1Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 2Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 3Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 4Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 5Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 6Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 7Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 8Page - Maxim Integrated Products MAX5429EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Detailed Description
The MAX5427/MAX5428/MAX5429 are 100k
Ω/50kΩ/
10k
Ω (end-to-end resistance) digitally controlled poten-
tiometers. They have 32 tap positions that are accessible
to the wiper along the resistor array between H and L.
The wiper (W) position is adjusted sequentially through
the tap positions using a simple 2-wire interface. These
digital potentiometers have an optional one-time pro-
grammable feature that sets the POR position of the
wiper. The 2-wire interface can then be disabled, perma-
nently preventing unwanted adjustment.
Digital Interface Operation
The MAX5427/MAX5428/MAX5429 have two modes of
operation when the serial interface is active: increment
mode and decrement mode. The serial interface is only
active when CS is low.
The CS and U/D inputs control the position of the wiper
along the resistor array. When CS transitions from high
to low, the part goes into increment mode if U/D is high
(Figure 2), and into decrement mode if U/D is low
(Figure 3). Once the mode is set, the device remains in
that mode until CS goes high. A low-to-high transition at
the U/D increments or decrements the wiper position
depending on the current mode.
When the CS input transitions to high (when serial inter-
face is inactive) and U/D is low, the wiper increments or
decrements one position. If U/D is high when CS transi-
tions to high, the wiper remains in the same position.
One-Time Programmable, Linear-Taper
Digital Potentiometers
_______________________________________________________________________________________
5
Pin Description
Typical Operating Characteristics (continued)
(VDD = 5.0V, TA = +25°C, unless otherwise noted.)
R-INL ERROR vs. INPUT CODE
(MAX5428)
INPUT CODE (DECIMAL)
25
20
15
10
5
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.10
030
R-DNL ERROR vs. INPUT CODE
(MAX5429)
INPUT CODE (DECIMAL)
25
20
15
10
5
-0.020
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
0.025
-0.025
030
R-INL ERROR vs. INPUT CODE
(MAX5429)
INPUT CODE (DECIMAL)
25
20
15
10
5
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.10
030
PIN
NAME
FUNCTION
1
W
Wiper Connection
2
CS
Chip-Select Input. A high-to-low CS transition determines the mode: increment if U/D is high, or
decrement if U/D is low. CS is also used for one-time programming (see the One-Time Programming
section).
3VDD
Power-Supply Voltage
4
GND
Ground
5VPP
Programming Voltage for One-Time Programming. Connect VPP to 10V supply when one-time
programming the device. For normal operation, connect to ground or let float.
6U/D
Up/Down Control Input. With CS low, a low-to-high transition increments or decrements the wiper
position.
7
L
Low Terminal of Resistor
8
H
High Terminal of Resistor


Similar Part No. - MAX5429EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5429EUA MAXIM-MAX5429EUA Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
More results

Similar Description - MAX5429EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com