Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709269S9PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT709269S9PF
Description  HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269S9PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT709269S9PF Datasheet HTML 3Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 4Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 5Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 6Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 7Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 8Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 9Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 10Page - Integrated Device Technology IDT709269S9PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6.42
IDT709269S/L
Preliminary
High-Speed 16K x 16 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device characteriza-
tion, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when
FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply when
FT/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (
OE) and FT/PIPEX.
4. 'X' in part number indicates power rating (S or L).
5. Industrial temperature: for specific speeds, packages and powers contact your sales office.
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3,4,5) (VCC = 5V ± 10%, TA = 0°C to +70°C)
709269X 9
Com'l Only
709269X 12
Com'l Only
709269X 15
Com'l Only
Sym bol
Parameter
Min.Max.Min.Max.
Min.Max.
Unit
tCY C 1
Clo ck Cycle Tim e (Flo w-Thro ug h)(2)
25
____
30
____
35
____
ns
tCY C 2
Clo ck Cycle Tim e (P ip e line d )(2)
15
____
20
____
25
____
ns
tCH1
Clo c k H ig h Tim e (Flo w-Thro ug h)(2)
12
____
12
____
12
____
ns
tCL 1
Clo c k Lo w Tim e (F lo w-Thro ug h)(2)
12
____
12
____
12
____
ns
tCH2
Clo c k H igh Time (P ipelined)(2)
6
____
8
____
10
____
ns
tCL 2
Clo c k Lo w Tim e (P ipelined)(2)
6
____
8
____
10
____
ns
tR
Clo ck Rise Tim e
____
3
____
3
____
3ns
tF
Clo ck F all Tim e
____
3
____
3
____
3ns
tSA
A d dres s S e tup Time
4
____
4
____
4
____
ns
tHA
A d dres s Ho ld Tim e
1
____
1
____
1
____
ns
tSC
Chip E nab le S e tup Tim e
4
____
4
____
4
____
ns
tHC
Chip E nab le Ho ld Tim e
1
____
1
____
1
____
ns
tSB
By te Enab le Se tup Tim e
4
____
4
____
4
____
ns
tHB
By te Enab le Ho ld Tim e
1
____
1
____
1
____
ns
tSW
R/
W Se tup Tim e
4
____
4
____
4
____
ns
tHW
R/
W Ho ld Tim e
1
____
1
____
1
____
ns
tSD
Inp ut Data S e tup Tim e
4
____
4
____
4
____
ns
tHD
Inp ut Data Ho ld Tim e
1
____
1
____
1
____
ns
tSA D
ADS Se tup Tim e
4
____
4
____
4
____
ns
tHA D
ADS Ho ld Tim e
1
____
1
____
1
____
ns
tSCN
CNTEN Se tup Tim e
4
____
4
____
4
____
ns
tHCN
CNTEN Ho ld Tim e
1
____
1
____
1
____
ns
tSRS T
CNTRST Se tup Tim e
4
____
4
____
4
____
ns
tHRS T
CNTRST Ho ld Tim e
1
____
1
____
1
____
ns
tOE
Outp ut E nab le to D ata Valid
____
12
____
12
____
15
ns
tOL Z
Outp ut E nab le to O utp ut Lo w-Z(1)
2
____
2
____
2
____
ns
tOHZ
Outp ut E nab le to O utp ut Hig h-Z(1)
1
7
17
17
ns
tCD1
Clo c k to Data Valid (Flo w-Thro ug h)(2)
____
20
____
25
____
30
ns
tCD2
Clo c k to Data Valid (P ip e line d )(2)
____
9
____
12
____
15
ns
tDC
Data Outp ut H o ld A fte r C lo c k Hig h
2
____
2
____
2
____
ns
tCK H Z
Clo c k H ig h to Outp ut Hig h-Z(1)
2
92929
ns
tCKL Z
Clo c k H ig h to Outp ut Lo w-Z(1)
2
____
2
____
2
____
ns
Port-to-P ort Delay
tCWD D
W rite P o rt Clo c k H ig h to Re ad Data De lay
____
40
____
40
____
50
ns
tCCS
Clo c k -to -Clo c k S e tup Tim e
____
15
____
15
____
20
ns
3 493 tb l 11


Similar Part No. - IDT709269S9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269S9PF IDT-IDT709269S9PF Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S9PFI IDT-IDT709269S9PFI Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269S9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_14 Datasheet
180Kb / 17P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com