Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4272 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4272
Description  SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4272 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4272 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4272 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. 70-0173-03
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
RFC
RF1
RF2
CMOS
Control
Driver
CTRL
V
DD
The PE4272 RF Switch is designed for the TV tuner, PCTV, set
top box, DTV, DVR and general broadband applications. This
device offers industry leading broadband linearity, 1.5 kV ESD
tolerance and a simple CMOS interface. The device offers a
simple alternative solution to pin diode and mechanical relay
switches.
The PE4272 SPDT High Power RF Switch is manufactured on
Peregrine’s UltraCMOS™ process, a patented variation of
silicon-on-insulator (SOI) technology on a sapphire substrate,
offering the performance of GaAs with the economy and
integration of conventional CMOS.
Product Specification
SPDT Broadband UltraCMOS™
DC – 3 GHz RF Switch
Product Description
Figure 1. Functional Diagram
PE4272
Features
High ESD tolerance of 1.5 kV
Single-pin CMOS logic control
Low insertion loss: 0.5 dB at 1000 MHz,
0.6 dB at 2000 MHz
Isolation of 43 dB at 1000 MHz, 33.5 dB
at 2000 MHz
Typical input 1 dB compression point of
+32 dBm
Small 8-lead MSOP package
Notes:
1. Device linearity will begin to degrade below 5 MHz.
2. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth.
3. Measured in a 50
Ω system.
Figure 2. Package Type
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 75 Ω)
8-lead MSOP
Parameter
Conditions
Min
Typ
Max
Units
Operation Frequency1
DC – 3000
MHz
Insertion Loss
1000 MHz
2000 MHz
0.5
0.6
0.6
0.7
dB
Isolation – RFC to RF1/RF2
1000 MHz
2000 MHz
41
31.5
43
33.5
dB
Isolation – RF1 to RF2
1000 MHz
2000 MHz
41
32
43
34
dB
Return Loss
1000 MHz
2000 MHz
19.5
16
dB
‘ON’ Switching Time3
50% CTRL to 0.1 dB final value, 2 GHz
500
1000
ns
‘OFF’ Switching Time3
50% CTRL to 25 dB isolation, 2 GHz
500
1000
ns
Video Feedthrough2,3
<3
mVpp
Input 1 dB Compression3
1000 MHz
30
32
dBm
Input IP33
1000 MHz, 20 dBm input power
52
dBm


Similar Part No. - 4272

ManufacturerPart #DatasheetDescription
logo
Heyco.
4272 HEYCO-4272 Datasheet
93Kb / 1P
   Nylon Kayak Clips
logo
Turck, Inc.
4272093 TURCK-4272093 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
4272493 TURCK-4272493 Datasheet
182Kb / 3P
   Inductive Sensor – for high pressures
11/07/2023
4272893 TURCK-4272893 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
More results

Similar Description - 4272

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
   SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
   SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com