Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS20NHS3LL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STS20NHS3LL
Description  N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STS20NHS3LL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STS20NHS3LL Datasheet HTML 1Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 2Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 3Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 4Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 5Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 6Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 7Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 8Page - List of Unclassifed Manufacturers STS20NHS3LL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STS20NHS3LL
2/9
Table 3: Absolute Maximum ratings
Table 4: Thermal Data
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TJ =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On /Off
Table 7: Dynamic
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VGS
Gate- source Voltage
± 18
V
ID(1)
Drain Current (continuous) at TC = 25°C
20
A
ID
Drain Current (continuous) at TC = 100°C
12.6
A
IDM(2)
Drain Current (pulsed)
80
A
Ptot
Total Dissipation at TC = 25°C
2.7
W
Rthj-amb (3)
Tj
Tstg
Thermal Resistance Junction-ambient Max
Maximum Operating Junction Temperature
Storage Temperature
47
-55 to 150
-55 to 150
°C/W
°C
°C
Symbol
Parameter
Max Value
Unit
IAV
Not-Repetitive Avalanche Current
(pulse width limited by Tj max)
12.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25°C, ID = IAV, VDD = 24V)
1.3
J
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 1mA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = 24V
500
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 18V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 1mA
1
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 10A
VGS = 4.5V, ID = 10A
0.0032
0.004
0.004
0.0055
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (4)
Forward Transconductance
VDS=15V, ID = 12A
30
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1MHz,
VGS = 0
3950
720
70
pF
pF
pF


Similar Part No. - STS20NHS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
More results

Similar Description - STS20NHS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
   N-channel 30V - 0.0032廓 - 22A - PowerFLAT??(6x5) STripFET??Power MOSFET plus monolithic Schottky
STK30NHS3LL STMICROELECTRONICS-STK30NHS3LL Datasheet
314Kb / 13P
   N-channel 30 V - 0.0028 廓 - 30 A - PolarPAK짰 STripFET??Power MOSFET plus monolithic Schottky
STS25NH3LL STMICROELECTRONICS-STS25NH3LL_07 Datasheet
311Kb / 11P
   N-channel 30 V - 0.0032 廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
   N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
June 2011 Rev 2
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
   N-channel 30 V, 0.005 廓, 14 A - SO-8 STripFET??V Power MOSFET
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
   Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
   N-channel 30V - 0.0032廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com