Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4268-01 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # 4268-01
Description  SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4268-01 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button 4268-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 4268-01 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2005 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4268
Page 9 of 11
Document No. 70-0165-03
│ www.psemi.com
Figure 16. Marking Specification
Figure 17. Tape and Reel Drawing
4268
YYWW
ZZZZZ
YYWW = Date Code (Year, Work Week)
ZZZZZ = Last five digits of PSC Lot Number


Similar Part No. - 4268-01

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4268 KEYSTONE-4268 Datasheet
238Kb / 1P
   CLEAR THRU-HOLE SPACER
logo
Heyco.
4268 HEYCO-4268 Datasheet
241Kb / 1P
   Nytye®Mounting Platforms
logo
Vishay Siliconix
42681E3 VISHAY-42681E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 4268-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
   SP6T UltraCMOS 2.6 V Switch
logo
Peregrine Semiconductor...
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE42660 PEREGRINE-PE42660 Datasheet
295Kb / 9P
   SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com