Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC3410 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IC3410
Description  10-bit digital to analogue converter IC 3410
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC3410 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IC3410 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
006-109
4
current is approximately 4.0mA. This relationship
will remain regardless of the reference voltage
polarity.
Connections for a positive reference voltage are
shown in Figure 7a. For negative reference voltage
inputs, or for bipolar reference voltage inputs in the
multiplying mode., R15 can be tied to a negative
voltage corresponding to the minimum input level.
For a negative reference input, R16 should be
grounded (Figure 7b). In addition, the negative
voltage reference must be at least 3V above the V
EE
supply voltage for best operation. Bipolar input
Figure 6 3410 equivalent circuit
The reference amplifier is internally compensated
with a 10pF feed-forward capacitor, which gives it
its high slew rate and fast settling time. Proper
phase margin is maintained with all possible
values of R16 and reference voltages which supply
2.0mA reference current into Pin 16. The reference
current can also be supplied by a high impedance
current source of 2.0mA. As R16 increases, the
bandwidth of the amplifier decreases slightly and
settling time increases. For a current source with a
dynamic output impedance of 1.0M
Ω, the band-
width of the reference amplifier is approximately
half what it is in the case of R16 = 1.0k
Ω, and
settling time is
≈ 10µs. The reference amplifier
phase margin decreases as the current source
value decreases in the case of a current source
reference, so that the minimum reference current
supplied from a current source is 0.5mA for stability.
Output voltage compliance
The output voltage compliance ranges from -2.5 to
+0.2V. As shown in Figure 2, this compliance range is
nearly constant over temperature. At the temperature
extremes, however, the compliance voltage may be
reduced if V
EE > -15V.
signals may be handled by connecting R16 to a
positive voltage equal to the peak positive input level
at Pin 15.
When a dc reference voltage is used, capacitive
bypass to ground is recommended. The 5V logic
supply is not recommended as a reference voltage.
If a well regulated 5.0V supply, which drives logic,
is to be used as the reference, R16 should be
decoupled by connecting it to the +5.0V logic
supply through another resistor and bypassing the
junction of the two resistors with a 0.1µF capacitor
to ground.
Accuracy
Absolute accuracy is a measure of each output current
level with respect to its intended value. It is dependent
upon relative accuracy and full scale current drift.
Relative accuracy, or linearity, is the measure of each
output current with respect to its intended fraction of
the full scale current. The relative accuracy of the 3410
is fairly constant over temperature due to the excellent
temperature tracking, of the implanted resistors. The
full scale current from the reference amplifier may drift
with temperature causing a change in the absolute
accuracy. However, the 3410 has a low full scale cur-
rent drift with temperature.
The 3410 is accurate to within ±.05% at 25°C with a ref-
erence current of 2.0mA on Pin 16.
Monotonicity
The 3410 is guaranteed monotonic over temperature.
This means that for every increase in the input digital
code, the output current either remains the same or
increases but never decreases. In the multiplying
mode, where reference input current will vary,
monotonicity can be assured if the reference input
current remains above 0.5mA.


Similar Part No. - IC3410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC301 ETC1-IC301 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Panasonic Semiconductor
IC301 PANASONIC-IC301 Datasheet
38Kb / 1P
   BLOCK DIAGRAM OF ICS
IC302 PANASONIC-IC302 Datasheet
38Kb / 1P
   BLOCK DIAGRAM OF ICS
logo
List of Unclassifed Man...
IC357-0484-078 ETC2-IC357-0484-078 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
IC357-0644-068 ETC2-IC357-0644-068 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC3410

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
   10-Bit Digital-to-Analogue Converter
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
   10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
   Frequency To Analogue Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC6574 TI-DAC6574 Datasheet
621Kb / 30P
[Old version datasheet]   QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com