Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90CAN32-16MI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT90CAN32-16MI
Description  Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN32-16MI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT90CAN32-16MI Datasheet HTML 4Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 5Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 6Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 7Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 8Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 9Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 10Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 11Page - ATMEL Corporation AT90CAN32-16MI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
7538AS
–CAN–09/05
AT90CAN32/64
resistors are activated. The Port E pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port E also serves the functions of various special features of the AT90CAN32/64 as listed on
I/O-Ports paragraph of the complete Datasheet.
2.5.8
Port F (PF7..PF0)
Port F serves as the analog inputs to the A/D Converter.
Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins
can provide internal pull-up resistors (selected for each bit). The Port F output buffers have sym-
metrical drive characteristics with both high sink and source capability. As inputs, Port F pins
that are externally pulled low will source current if the pull-up resistors are activated. The Port F
pins are tri-stated when a reset condition becomes active, even if the clock is not running.
Port F also serves the functions of the JTAG interface. If the JTAG interface is enabled, the pull-
up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be activated even if a reset occurs.
2.5.9
Port G (PG4..PG0)
Port G is a 5-bit I/O port with internal pull-up resistors (selected for each bit). The Port G output
buffers have symmetrical drive characteristics with both high sink and source capability. As
inputs, Port G pins that are externally pulled low will source current if the pull-up resistors are
activated. The Port G pins are tri-stated when a reset condition becomes active, even if the clock
is not running.
Port G also serves the functions of various special features of the AT90CAN32/64 as listed on
I/O-Ports paragraph of the complete Datasheet.
2.5.10
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset. The minimum pulse length is given in characteristics. Shorter pulses are not guaranteed
to generate a reset. The I/O ports of the AVR are immediately reset to their initial state even if
the clock is not running. The clock is needed to reset the rest of the AT90CAN32/64.
2.5.11
XTAL1
Input to the inverting Oscillator amplifier and input to the internal clock operating circuit.
2.5.12
XTAL2
Output from the inverting Oscillator amplifier.
2.5.13
AVCC
AVCC is the supply voltage pin for the A/D Converter on Port F. It should be externally con-
nected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected to VCC
through a low-pass filter.
2.5.14
AREF
This is the analog reference pin for the A/D Converter.


Similar Part No. - AT90CAN32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32-16MI ATMEL-AT90CAN32-16MI Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32-16MI ATMEL-AT90CAN32-16MI Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results

Similar Description - AT90CAN32-16MI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
   Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4_14 Datasheet
7Mb / 28P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com