Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP2041FTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXTP2041FTC
Description  SOT23 40 volt PNP silicon planar medium power transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2041FTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXTP2041FTC Datasheet HTML 1Page - Zetex Semiconductors ZXTP2041FTC Datasheet HTML 2Page - Zetex Semiconductors ZXTP2041FTC Datasheet HTML 3Page - Zetex Semiconductors ZXTP2041FTC Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZXTP2041F
Issue 3 - November 2005
4
www.zetex.com
© Zetex Semiconductors plc 2005
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Packaging details - SOT23
Package dimensions
Dimensions in inches are control dimensions, dimensions in millimeters are approximate.
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
2.67
3.05
0.105
0.120
H
0.33
0.51
0.013
0.020
B
1.20
1.40
0.047
0.055
K
0.01
0.10
0.0004
0.004
C
-
1.10
-
0.043
L
2.10
2.50
0.083
0.0985
D
0.37
0.53
0.015
0.021
M
0.45
0.64
0.018
0.025
F
0.085
0.15
0.0034
0.0059
N
0.95 Nom.
0.0375 Nom.
G
1.90 Nom.
0.075 Nom.
-
-
-
-
-
L
N
H
G
A
C
F
B
M
K
D
3 leads


Similar Part No. - ZXTP2041FTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2041FTA DIODES-ZXTP2041FTA Datasheet
221Kb / 6P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Similar Description - ZXTP2041FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2040F ZETEX-ZXTN2040F Datasheet
182Kb / 5P
   SOT23 40 volt NPN silicon planar medium power transistor
logo
Diodes Incorporated
ZXTP2039F DIODES-ZXTP2039F_15 Datasheet
161Kb / 5P
   SOT23 80 volt PNP silicon planar medium power transistor
logo
Zetex Semiconductors
ZXTP2039F ZETEX-ZXTP2039F Datasheet
154Kb / 5P
   SOT23 80 volt PNP silicon planar medium power transistor
logo
Diodes Incorporated
ZXTN2040F DIODES-ZXTN2040F Datasheet
192Kb / 5P
   SOT23 40 volt NPN silicon planar medium power
ZXTP2039F DIODES-ZXTP2039F Datasheet
161Kb / 5P
   SOT23 80 volt PNP silicon planar medium power
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
   SOT23 PNP silicon planar medium power transistor
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com