Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN2005GTA Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTN2005GTA
Description  25V NPN LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN2005GTA Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTN2005GTA Datasheet HTML 1Page - Zetex Semiconductors ZXTN2005GTA Datasheet HTML 2Page - Zetex Semiconductors ZXTN2005GTA Datasheet HTML 3Page - Zetex Semiconductors ZXTN2005GTA Datasheet HTML 4Page - Zetex Semiconductors ZXTN2005GTA Datasheet HTML 5Page - Zetex Semiconductors ZXTN2005GTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = 25V : RSAT = 30m ; IC = 7A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 25V NPN transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
Extemely low equivalent on-resistance; R
SAT = 30m
at 6.5A
7 amps continuous current
Up to 20 amps peak current
Very low saturation voltages
Excellent h
FE characteristics up to 20 amps
APPLICATIONS
DC - DC converters
MOSFET gate drivers
Charging circuits
Power switches
Motor control
DEVICE MARKING
ZXTN
2005
ZXTN2005G
ISSUE 2 - JUNE 2005
25V NPN LOW SATURATION TRANSISTOR IN SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTN2005GTA
ZXTN2005GTC
7”
13”
12mm
embossed
1,000 units
4,000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Similar Part No. - ZXTN2005GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2005GTA DIODES-ZXTN2005GTA Datasheet
141Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZXTN2005GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZXTN2005G DIODES-ZXTN2005G Datasheet
141Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T869G ZETEX-ZX5T869G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT23
DSS60601MZ4 DIODES-DSS60601MZ4_15 Datasheet
306Kb / 8P
   60V NPN LOW SATURATION TRANSISTOR IN SOT223
FZT869 DIODES-FZT869_15 Datasheet
663Kb / 7P
   25V NPN HIGH CURRENT TRANSISTOR IN SOT223
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com