Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4246-00 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 4246-00
Description  Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4246-00 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  4246-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4246-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4246-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4246-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4246-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4246-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4246-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4246-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE4246
Page 2 of 8
©2003-2010 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0090-09
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified in Table 3.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™ de-
vices are immune to latch-up.
Table 4. Operating Ranges
Notes: 1. A bypass capacitor should be placed as close as possible
to the pin.
2. Both RF pins must be DC blocked by an external capacitor
or held at 0 VDC.
3. The exposed pad must be soldered to the ground plane for
proper switch performance.
Figure 3. Pin Configuration
Table 5. Control Logic Truth Table
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Pin
No.
Pin
Name
Description
1
VDD
Nominal 3 V supply connection.1
2
GND
Ground connection. 3
3
RF1
RF port. 2
4
CTRL
CMOS or TTL logic level:
High = RF1 to RF2 signal path
Low = RF1 isolated from RF2
5
GND
Ground connection. 3
6
RF2
RF port. 2
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on CTRL input
-0.3
5.5
V
TST
Storage temperature
-65
150
°C
PIN
Input power (50 Ω),
CTRL=1/CTRL=0
33/24
dBm
VESD
ESD voltage
(Human Body Model)
200
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3 V, VCNTL = 3 V)
33
40
µA
Control Voltage High
0.7xVDD
5
V
Control Voltage Low
0
0.3xVDD
V
TOP Operating temperature
-40
85
°C
Control Voltage
Signal Path
CTRL = CMOS or TTL High
RF1 to RF2
CTRL = CMOS or TTL Low
RF1 isolated from RF2
Exposed
Solder Pad
(bottom side)
V
DD
GND
RF1
RF2
GND
CTRL
4
5
6
3
2
1
Device Description
The PE4246 high-isolation SPST RF Switch is
designed to support a variety of applications
where high isolation performance is demanded
and a non-reflective input and output is desired.
This switch is able to replace multiple lesser
performing switches in a very small 3x3 mm DFN
footprint.
Control Logic
The control logic input pin (CTRL) is typically driven by
a 3-volt CMOS logic level signal, and has a threshold of
50% of VDD. For flexibility to support systems that have
5-volt control logic drivers, the control logic input has
been designed to handle a 5-volt logic HIGH signal. (A
minimal current will be sourced out of the VDD pin when
the control logic input voltage level exceeds VDD.)
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE4246 in
the 6-lead 3x3 DFN package is MSL1.


Similar Part No. - 4246-00

ManufacturerPart #DatasheetDescription
logo
Heyco.
4246 HEYCO-4246 Datasheet
159Kb / 1P
   Hinged Edge Strain Relief Bushings
logo
Tyco Electronics
42460-1 MACOM-42460-1 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
42460-2 MACOM-42460-2 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
42460-3 MACOM-42460-3 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
42460-5 MACOM-42460-5 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
More results

Similar Description - 4246-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246_14 Datasheet
1Mb / 8P
   Absorptive SPST UltraCMOS?
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
   SPST UltraCMOS??CATV Switch DC - 1300 MHz
PE4257 PEREGRINE-PE4257 Datasheet
222Kb / 7P
   50 짰SPDT Absorptive UltraCMOS DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com