Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT1M322 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXT1M322
Description  12V PNP LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT1M322 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXT1M322 Datasheet HTML 1Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 2Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 3Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 4Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 5Page - Zetex Semiconductors ZXT1M322 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZXT1M322
ISSUE 2 - JUNE 2002
6
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
uksales@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2002
CONTROLLING DIMENSIONS IN MILLIMETRES
APPROX. CONVERTED DIMENSIONS IN INCHES
MLP322 PACKAGE OUTLINE (2mm x 2mm Micro Leaded Package)
DIM
MILLIMETRES
INCHES
DIM
MILLIMETRES
INCHES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
0.80
1.00
0.0315
0.0393
e
0.65 REF
0.0255 REF
A1
0.00
0.05
0.00
0.002
E
2.00 BSC
0.0787 BSC
A2
0.65
0.75
0.0255
0.0295
E2
0.79
0.99
0.031
0.039
A3
0.15
0.25
0.0059
0.0098
E4
0.48
0.68
0.0188
0.0267
b
0.18
0.28
0.0070
0.0110
L
0.20
0.45
0.0078
0.0177
b1
0.17
0.30
0.0066
0.0118
L2
0.125 MAX.
0.005 REF
D
2.00 BSC
0.0787 BSC
r
0.075 BSC
0.0029 BSC
D2
1.22
1.42
0.0480
0.0559
0
12
0
12
D4
0.56
0.76
0.0220
0.0299
PACKAGE DIMENSIONS


Similar Part No. - ZXT1M322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT1M322 DIODES-ZXT1M322 Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322TA DIODES-ZXT1M322TA Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322TC DIODES-ZXT1M322TC Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT1M322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
   DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6 DIODES-ZXT10P12DE6 Datasheet
245Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTP07012EFF DIODES-ZXTP07012EFF Datasheet
381Kb / 7P
   12V PNP LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com