Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4244-01 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 4244-01
Description  SPDT UltraCMOS??RF Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4244-01 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  4244-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4244-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4244-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4244-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4244-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4244-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Product Specification
PE4244
Page 2 of 6
©2005-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-30006-2 │ UltraCMOS® RFIC Solutions
Table 2. Pin Descriptions
Note 1: All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC
Figure 3. Pin Configuration (Top View)
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS® device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS®
devices are immune to latch-up.
Table 4. DC Electrical Specifications
4244
1
2
3
4
8
7
6
5
CTRL
RFC
GND
RF1
GND
VDD
GND
RF2
Pin No.
Pin Name
Description
1
VDD
Nominal 3V supply connection. A bypass
capacitor (100 pF) to the ground plane
should be placed as close as possible to
the pin
2
CTRL
CMOS logic level:
High = RFC to RF1 signal path
Low = RFC to RF2 signal path
3
GND
Ground connection. Traces should be
physically short and connected to ground
4
RFC
Common RF port for switch (Note 1)
5
RF2
RF2 port (Note 1)
6
GND
Ground Connection. Traces should be
physically short and connected to ground
7
GND
Ground Connection. Traces should be
physically short and connected to ground
8
RF1
RF1 port (Note 1)
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
-40
85
°C
PIN
Input power (50Ω)
30
dBm
VESD
ESD voltage (Human Body
1500
V
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
VDD = 3V, VCNTL = 3V
250
500
nA
Control Voltage High
0.7xVDD
V
Control Voltage Low
0.3xVDD
V
Control Voltage
Signal Path
CTRL = CMOS High
RFC to RF1
CTRL = CMOS Low
RFC to RF2
Table 5. Control Logic Truth Table
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
5x5 mm QFN package is MSL1.


Similar Part No. - 4244-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4244-11UYC ETC-4244-11UYC Datasheet
96Kb / 6P
   3.9 3.3mm Eliptical Wide Angle LED Lamps
More results

Similar Description - 4244-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com