Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZAMP002H6TC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZAMP002H6TC
Description  800-2500MHz MMIC WIDEBAND AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZAMP002H6TC Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZAMP002H6TC Datasheet HTML 1Page - Zetex Semiconductors ZAMP002H6TC Datasheet HTML 2Page - Zetex Semiconductors ZAMP002H6TC Datasheet HTML 3Page - Zetex Semiconductors ZAMP002H6TC Datasheet HTML 4Page - Zetex Semiconductors ZAMP002H6TC Datasheet HTML 5Page - Zetex Semiconductors ZAMP002H6TC Datasheet HTML 6Page - Zetex Semiconductors ZAMP002H6TC Datasheet HTML 7Page - Zetex Semiconductors ZAMP002H6TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZAMP002
SEMICO NDUC TORS
ISSUE 2 - MARCH 2003
3
TYPICAL CHARACTERISTICS
Test Conditions (unless otherwise stated): VCC = 5V, Tamb = 25°C, Zo = 50 .


Similar Part No. - ZAMP002H6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZAMP001 ZETEX-ZAMP001 Datasheet
120Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER LNA, 18dB Gain, Low Current
ZAMP001H6TA ZETEX-ZAMP001H6TA Datasheet
120Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER LNA, 18dB Gain, Low Current
ZAMP001H6TC ZETEX-ZAMP001H6TC Datasheet
120Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER LNA, 18dB Gain, Low Current
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003H6TA ZETEX-ZAMP003H6TA Datasheet
138Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
More results

Similar Description - ZAMP002H6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP001 ZETEX-ZAMP001 Datasheet
120Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER LNA, 18dB Gain, Low Current
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
   MMIC wideband amplifier
2002 Sep 06
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
   MMIC wideband amplifier
Rev. 5-13 July 2015
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2801 NXP-BGA2801 Datasheet
552Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com