Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4210-51 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 4210-51
Description  SPDT UltraCMOS??RF Switch DC - 3000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4210-51 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  4210-51 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4210-51 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4210-51 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4210-51 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4210-51 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4210-51 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4210-51 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Specification
PE4210
Page 5 of 7
Document No. 70-0037-05
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Figure 11. Isolation – RF1 to RF2, RF2 to RF1
Figure 13. Return Loss – RF1, RF2
Figure 12. Return Loss – RFC to RF1, RF2
Figure 10. Isolation – RFC to RF2
Typical Performance Data @ 25 °C
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
RF1
RF2
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
RF1
RF2


Similar Part No. - 4210-51

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
4210-CVU TEKTRONIX-4210-CVU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
logo
Heyco.
4210-P HEYCO-4210-P Datasheet
109Kb / 1P
   Nylon Wire Harness Clamps
logo
TEKTRONIX, INC.
4210-SMU TEKTRONIX-4210-SMU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
More results

Similar Description - 4210-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com