Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4220 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 4220
Description  SPDT UltraCMOS??RF Switch DC - 2500 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4220 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  4220 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4220 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4220 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4220 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4220 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4220 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4220 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE4220
Page 2 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0028-09
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Note 1: All RF pins must be DC blocked with an external
series capacitor or held at 0 VDC.
Figure 3. Pin Configuration (Top View)
Table 4. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. DC Electrical Specifications
4220
1
2
3
4
8
7
6
5
CTRL
RFC
GND
RF1
GND
VDD
GND
RF2
Table 5. Control Logic Truth Table
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Control Logic
The control logic input pin (CTRL) is typically
driven by a 3-volt CMOS logic level signal, and
has a threshold of 50% of VDD. For flexibility to
support systems that have 5-volt control logic
drivers, the control logic input has been designed
to handle a 5-volt logic HIGH signal. (A minimal
current will be sourced out of the VDD pin when the
control logic input voltage level exceeds VDD.)
Pin
No.
Pin
Name
Description
1
VDD
Nominal 3 V supply connection. A
bypass capacitor (100 pF) to the ground
plane should be placed as close as
possible to the pin
2
CTRL
CMOS or TTL logic level:
High = RFC to RF1 signal path
Low = RFC to RF2 signal path
3
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
4
RFC
Common RF port for switch (Note 1)
5
RF2
RF2 port (Note 1)
6
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
7
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
8
RF1
RF1 port (Note 1)
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCNTL = 3)
30
40
µA
Control Voltage High
0.7x VDD
V
Control Voltage Low
0.3x VDD
V
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD
+ 0.3
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
P
IN
Input power (50
Ω)
25
dBm
VESD
ESD voltage (Human Body
Model)
250
V
Control Voltage
Signal Path
CTRL = CMOS or TTL High
RFC to RF1
CTRL = CMOS or TTL Low
RFC to RF2


Similar Part No. - 4220

ManufacturerPart #DatasheetDescription
logo
Heyco.
4220 HEYCO-4220 Datasheet
153Kb / 1P
   Cable Holders - Adhesive Back Mount
logo
LEMO Connectors
4220 LEMO-4220 Datasheet
71Kb / 3P
   B - Indoor keyed
logo
TEKTRONIX, INC.
4220-PGU TEKTRONIX-4220-PGU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
logo
Ulti-Mate Connector Inc
422031120 ULTI-MATE-422031120 Datasheet
45Kb / 1P
   Nano Circular Wired 7 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 200 Max Temp No QPL
09-03-14
422031130 ULTI-MATE-422031130 Datasheet
46Kb / 1P
   Nano Circular Wired 7 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 36 Inches Wire Length Plastic Shell 200 Max Temp No QPL
05-03-18
More results

Similar Description - 4220

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com