Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3342-53 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # 3342-53
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3342-53 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button 3342-53 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 12Page - Peregrine Semiconductor Corp. 3342-53 Datasheet HTML 13Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Product Specification
PE3342
Page 9 of 17
Document No. 70-0091-03
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Enhancement Register
The Enhancement Register is a buffered serial
shift register, loaded from the Serial Data Port. It
activates special test and operating modes in the
PLL. The bit assignments for these modes are
shown in Table 11.
The functions of these Enhancement Register bits
are shown in Table 12. A function becomes active
when its corresponding bit is set HIGH. Note that
bits 1, 2, 5, and 6 direct various data to the Dout
pin, and for valid operation no more than one
should be set HIGH simultaneously .
The Enhancement Register is buffered to prevent
inadvertent control changes during serial loading.
Data that has been loaded into the register is cap-
tured in the buffer and made available to the PLL
on the falling edge of E_WR.
A separate control line is provided to enable and
disable the Enhancement mode. Functions are
enabled by taking the ENH control line LOW.
Note: The enhancement register bit values are
unknown during power up. To avoid enabling the
enhancement mode during power up, set the Enh
pin high (“1”) until the enhancement register bit
values are programmed to a known state.
Table 11. Enhancement Register Bit Assignments
Reserved
EE Register
Output
fp output
Power
down
Counter
load
MSEL
output
fc output
Reserved
B0
B1
B2
B3
B4
B5
B6
B7
Table 12. Enhancement Register Functions
Bit Function
Description
Bit 0
Reserved
Program to 0
Bit 1
EE Register Output
Allows the contents of the EE Register to be serially shifted out Dout, LSB (B0) first.
Data is shifted on rising edge of Clock.
Bit 2
fp output
Provides the M counter output at Dout.
Bit 3
Power down
Powers down all functions except programming interface.
Bit 4
Counter load
Immediate and continuous load of counter programming.
Bit 5
MSEL output
Provides the internal dual modulus prescaler modulus select (MSEL) at Dout.
Bit 6
fc output
Provides the R counter output at Dout.
Bit 7
Reserved
Program to 0


Similar Part No. - 3342-53

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3342-525-SMA KR-3342-525-SMA Datasheet
98Kb / 3P
   KR Electronics part number 3342-525-SMA is a 525 MHz bandpass filter
More results

Similar Description - 3342-53

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com