Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3342-54 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 3342-54
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3342-54 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  3342-54 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3342-54 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Product Specification
PE3342
Page 3 of 17
Document No. 70-0091-03
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
18
13
Dout
Output
Data out function. Dout is defined with the Enhancement Register and enabled with
ENH
.
19
14
VDD
(Note 1)
Same as pin 1.
20
15
PD_
D
Output
Phase detector output. PD_D pulses negatively when fp leads fc.
21
16
PD_
U
Output
Phase detector output. PD_U pulses negatively when fc leads fp.
22
17
EESel
Input
Control line for Frequency Register selection, EE Register parallel loading, and
EEPROM programming. Internal 70 k
Ω pull-up resistor.
23
GND
(Note 2)
Ground.
24
18
fr
Input
Reference frequency input.
Table 3. DC Electrical Specifications
Pin No.
TSSOP
Pin No.
QFN
Pin Name
Type
Description
Notes 1: VDD pins 1, 11, and 19 (TSSOP) or pins 6, 14 and 19 (QFN), are connected by diodes and must be supplied with the same positive voltage
level.
2: Ground connections are made through the exposed solder pad. The solder pad must be soldered to the ground plane for proper operation .
Table 2. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
–0.3
+4.0
V
VI
Voltage on any digital
input
–0.3
VDD+0.3
V
TStg
Storage temperature
range
–65
+85
°C
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.85
3.15
V
TA
Operating ambient
temperature range
-40
85
°C
Symbol
Parameter/Conditions
Min
Max
Units
VESD
ESD voltage human body
model (Note 1)
1000
V
VESD
(VPP)
ESD voltage human body
model (Note 1)
200
V
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-
STD-883, M3015 C2
Table 4. ESD Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC and AC Characteristics table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.


Similar Part No. - 3342-54

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3342-525-SMA KR-3342-525-SMA Datasheet
98Kb / 3P
   KR Electronics part number 3342-525-SMA is a 525 MHz bandpass filter
More results

Similar Description - 3342-54

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com